Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

08080570 Datasheet(PDF) 1 Page - Littelfuse

No. de Pieza. 08080570
Descripción  Manually operated battery switches for use on 12V and 24V electrical systems, for the purpose of disconnecting the battery from the vehicle electrical system even under load and to stop power from the alternator
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo 

08080570 Datasheet(HTML) 1 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
littelfuse.com
Commercial Vehicle Product Datasheet
© 2017 Littelfuse Commercial Vehicle Products
Rev:072817
littelfuse.com
Commercial Vehicle Product Datasheet
1 of 2
08080570 & 08080670 BATTERY DISCONNECT SWITCHES
200A • SPST • IP65 • M10 Studs
Specifications
Max Operating Voltage:
24V DC
Max Continuous Current:
200A
Intermittent Current:
1500A at 5 sec
Operating Temp:
-40 °C to +70 °C
Ingress Protection:
IP65
Contacts:
Copper (Silver-plated)
Terminals:
M10 (inox)
Applications
• Heavy trucks
• Agricultural
• Emergency vehicles
• Marine
Web Resources
Download 2D print and technical resources at:
littelfuse.com/ManualBatterySwitches
Description
Manually operated battery switches for use on 12V and 24V
electrical systems, for the purpose of disconnecting the
battery from the vehicle electrical system even under load,
and to stop power from the alternator.
The battery switch model 08080570, unlike model 08080670,
is equipped with a supplementary contact NC which may be
used for various purposes, such as activating a warning light,
grounding the alternator, etc..
Features/Benefits
• 200A continuous current rating
• High quality thermoplastic material is robust and resistant
to chemicals and environmental elements.
• Unique shape (elongated and narrow) allows mounting in
hard to reach and areas with limited space.
• Waterproof to IP65
Mounting Diagram
Electrical Diagram
PART NUMBER
VOLTAGE
AMPERAGE
CIRCUITRY
MOUNTING
INGRESS
TERMINAL
NUTS
NOTES
08080570
12-24V DC
200A
SPST
Through-Hole
IP65
M10 Inox
Fixed key and supplementary
contact
08080670
12-24V DC
200A
SPST
Through-Hole
IP65
M10 Inox
Fixed key
With supplementary
contacts
Standard
contacts
• 08080570
• 08080670
08080570
08080670
Ordering Information


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn