Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA8261AH Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TA8261AH
Descripción Electrónicos  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8261AH Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA8261AH Datasheet HTML 1Page - Toshiba Semiconductor TA8261AH Datasheet HTML 2Page - Toshiba Semiconductor TA8261AH Datasheet HTML 3Page - Toshiba Semiconductor TA8261AH Datasheet HTML 4Page - Toshiba Semiconductor TA8261AH Datasheet HTML 5Page - Toshiba Semiconductor TA8261AH Datasheet HTML 6Page - Toshiba Semiconductor TA8261AH Datasheet HTML 7Page - Toshiba Semiconductor TA8261AH Datasheet HTML 8Page - Toshiba Semiconductor TA8261AH Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TA8261AH
2001-08-16
4
2. Stand-by SW function (pin 2)
By means of controlling pin 2 (Stand-by terminal) to
High and Low, the power supply can be set to ON and
OFF.
The threshold voltage of pin 2 is set at about 3 VBE
(typ.), and the Power Supply current is about 2 µA
(typ.) at the stand-by state.
Control voltage of pin 2: V (SB)
Stand-By
Power
V (SB) (V)
ON
OFF
0~1.5
OFF
ON
3~VCC
Adjustage of stand-by SW
(1)
Since VCC can directly be controlled to ON or OFF by the microcomputer, the switching relay can be
omitted.
(2)
Since the control current is microscopic, the switching relay of small current capacity is satisfactory
for switching
― Conventional method ―
― Stand-by switch method ―
Figure 3
Figure 2 With pin 2 set to High, power
is turned ON


Número de pieza similar - TA8261AH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
TA8262H TOSHIBA-TA8262H Datasheet
360Kb / 15P
   MAX POWER 43 W BTL x 4CH AUDIO POWER IC
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8263BHQ TOSHIBA-TA8263BHQ Datasheet
329Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Descripción similar - TA8261AH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com