Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB12S2.5-8000 Datasheet(PDF) 2 Page - Wall Industries,Inc.

No. de pieza CB12S2.5-8000
Descripción Electrónicos  Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALL [Wall Industries,Inc.]
Página de inicio  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CB12S2.5-8000 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CB12S2.5-8000 Datasheet HTML 1Page - Wall Industries,Inc. CB12S2.5-8000 Datasheet HTML 2Page - Wall Industries,Inc. CB12S2.5-8000 Datasheet HTML 3Page - Wall Industries,Inc. CB12S2.5-8000 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Rev A
CB Series
Single and Dual Outputs
30 Watt DC/DC Converter
2:1 Wide Input Voltage Range
OUTPUT VOLTAGE / CURRENT RATING CHARTS
SINGLE OUTPUT MODELS
Output Current
Input Current
Model Number
Input Range
Output Voltage
Min. load
Full load
Output
(4)
Ripple & Noise No load(3) Full load(2)
Efficiency
(4)
Capacitor
(5)
Load max
CB12S1.5-8500
1.5 VDC
0mA
8500mA
100mVp-p
70mA
1416mA
79%
20000µF
CB12S2.5-8000
2.5 VDC
0mA
8000mA
100mVp-p
100mA
2083mA
84%
20000µF
CB12S3.3-8000
3.3 VDC
0mA
8000mA
100mVp-p
90mA
2716mA
85%
20000µF
CB12S5-6000
5 VDC
0mA
6000mA
100mVp-p
130mA
3012mA
87%
14400µF
CB12S5.1-6000
5.1 VDC
0mA
6000mA
100mVp-p
130mA
3072mA
87%
14400µF
CB12S12-2500
12 VDC
0mA
2500mA
150mVp-p
90mA
2941mA
89%
3000µF
CB12S15-2000
12 VDC
(9-18 VDC)
15 VDC
0mA
2000mA
150mVp-p
80mA
2941mA
89%
2000µF
CB24S1.5-8500
1.5 VDC
0mA
8500mA
100mVp-p
50mA
700mA
80%
20000µF
CB24S2.5-8000
2.5 VDC
0mA
8000mA
100mVp-p
50mA
1028mA
85%
20000µF
CB24S3.3-8000
3.3 VDC
0mA
8000mA
100mVp-p
50mA
1325mA
87%
20000µF
CB24S5-6000
5 VDC
0mA
6000mA
100mVp-p
75mA
1453mA
90%
14400µF
CB24S5.1-6000
5.1 VDC
0mA
6000mA
100mVp-p
75mA
1482mA
90%
14400µF
CB24S12-2500
12 VDC
0mA
2500mA
150mVp-p
40mA
1437mA
91%
3000µF
CB24S15-2000
24 VDC
(18-36 VDC)
15 VDC
0mA
2000mA
150mVp-p
30mA
1437mA
91%
2000µF
CB48S1.5-8500
1.5 VDC
0mA
8500mA
100mVp-p
45mA
350mA
80%
20000µF
CB48S2.5-8000
2.5 VDC
0mA
8000mA
100mVp-p
45mA
514mA
84%
20000µF
CB48S3.3-8000
3.3 VDC
0mA
8000mA
100mVp-p
30mA
663mA
86%
20000µF
CB48S5-6000
5 VDC
0mA
6000mA
100mVp-p
45mA
727mA
88%
14400µF
CB48S5.1-6000
5.1 VDC
0mA
6000mA
100mVp-p
45mA
750mA
88%
14400µF
CB48S12-2500
12 VDC
0mA
2500mA
150mVp-p
40mA
718mA
90%
3000µF
CB48S15-2000
48VDC
(36-75VDC)
15 VDC
0mA
2000mA
150mVp-p
40mA
718mA
91%
2000µF
DUAL OUTPUT MODELS
Output Current
Input Current
Model Number
Input Range
Output Voltage
Min. load
Full load
Output
(4)
Ripple & Noise No load(3) Full load(2)
Efficiency
(4)
Capacitor
(5)
Load max
CB12D5-3000
±5 VDC
0mA
±3000mA
100mVp-p
90mA
3012mA
87%
±3000µF
CB12D12-1250
±12 VDC
0mA
±1250mA
150mVp-p
50mA
3012mA
87%
±2000µF
CB12D15-1000
12 VDC
(9-18 VDC)
±15 VDC
0mA
±1000mA
150mVp-p
40mA
3012mA
87%
±1300µF
CB24D5-3000
±5 VDC
0mA
±3000mA
100mVp-p
70mA
1453mA
90%
±3000µF
CB24D12-1250
±12 VDC
0mA
±1250mA
150mVp-p
30mA
1471mA
89%
±2000µF
CB24D15-1000
24 VDC
(18-36 VDC)
±15 VDC
0mA
±1000mA
150mVp-p
30mA
1453mA
90%
±1300µF
CB48D5-3000
±5 VDC
0mA
±3000mA
100mVp-p
35mA
727mA
90%
±3000µF
CB48D12-1250
±12 VDC
0mA
±1250mA
150mVp-p
30mA
744mA
88%
±2000µF
CB48D15-1000
48VDC
(36-75VDC)
±15 VDC
0mA
±1000mA
150mVp-p
20mA
735mA
89%
±1300µF
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC (Ground fixed and controlled environment).
MIL-STD-217F Notice2 @Ta=25ºC, Full load (Ground, Benign, controlled environment)
2. Maximum value at nominal input voltage.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The ON/OFF control pin voltage is referenced to -Vin.
To order negative logic ON/OFF control add the suffix ”R” (Ex: CB48S5-6000R)
7. Heat sink is optional, consult factory for ordering details.
8. The CB series can meet EN55022 Class A with an external capacitor in parallel with the input pins.
Recommended: 12Vin: 10µF/25V X7R 1812 MLCC
24Vin: 4.7µF/50V X7R 1812 MLCC
48Vin: 2.2µF/100V X7R 1812 MLCC
9. An external filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor suggested: 12Vin & 24Vin Nippon chemi-con KY series, 330µF/50V, ESR 55mΩ.
48Vin Nippon chemi-con KY series, 220µF/100V, ESR 48mΩ.


Número de pieza similar - CB12S2.5-8000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
Cooper Bussmann, Inc.
CB123-10B COOPER-CB123-10B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-10HB COOPER-CB123-10HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15B COOPER-CB123-15B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15HB COOPER-CB123-15HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
More results

Descripción similar - CB12S2.5-8000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com