Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD150R16PV Datasheet(PDF) 7 Page - International Rectifier |
|
SD150R16PV Datasheet(HTML) 7 Page - International Rectifier |
7 / 8 page SD150N/R Series 7 www.irf.com Bulletin I2077 rev. B 11/01 Fig. 8 - Thermal Impedance Z thJC Characteristic Fig. 7 - Forward Voltage Drop Characteristics Fig. 5 - Maximum Non-Repetitive Surge Current Fig. 6 - Maximum Non-Repetitive Surge Current 100 10 00 100 00 11 .5 2 2 .5 33 .5 T = 25 C J In stan ta n e ou s Fo rw ard V oltag e (V ) SD 150 N/ R Se rie s T = 180 C J 100 0 150 0 200 0 250 0 300 0 350 0 110 1 0 0 N um b er O f E q ua l Am p litud e H a lf C yc le C urrent P u ls es (N) SD 150N /R Se rie s In itial T = 180 C @ 60 H z 0.0083 s @ 50 H z 0.0100 s J At An y Rate d Loa d C ondition And W ith Ra te d V Ap p lie d Follow in g Surg e . RRM 500 1000 1500 2000 2500 3000 3500 4000 0.01 0.1 1 Pulse Train D ura tion (s) In itia l T = 180 C No V oltag e Re app lie d Ra te d V Re ap plie d RRM V e rsus Pulse Tra in D uration . M a xim um N on Re pe titive Surg e C urre n t J SD 150N/ R Se ries 0.01 0.1 1 0.001 0 .01 0.1 1 10 Sq uare W ave Pulse D uration (s) Ste ady State Value: R = 0.23 K/W (D C O peration ) thJ C SD 150N /R Series |
Número de pieza similar - SD150R16PV |
|
Descripción similar - SD150R16PV |