Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8844AEQ330 Datasheet(PDF) 4 Page - Analog Microelectronics

No. de pieza AME8844AEQ330
Descripción Electrónicos  750mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8844AEQ330 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8844AEQ330 Datasheet HTML 1Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 2Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 3Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 4Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 5Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 6Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 7Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 8Page - Analog Microelectronics AME8844AEQ330 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME, Inc.
4
750mA CMOS LDO
AME8844
Maximum
Unit
Thermal Resistance (
θjc)
MSOP-8
80
oC / W
Internal Power Dissipation (PD)
(
∆T = 100
oC)*
MSOP-8
W
150
oC
300
oC
Maximum Lead Temperature (10 Sec)
Parameter
Maximum Junction Temperature
Parameter
Rating
Unit
Ambient Temperature Range
- 40 to + 85
oC
Junction Temperature
- 40 to + 125
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
* Assuming a heat sink capable of twice times (
θjc)
** Estimated
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
Parameter
Maximum
Unit
Input Voltage
8
V
Output Current
PD / (VIN - VO)
mA
Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B


Número de pieza similar - AME8844AEQ330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8844AEQA150Z AME-AME8844AEQA150Z Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA180 AME-AME8844AEQA180 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA180Z AME-AME8844AEQA180Z Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA250Z AME-AME8844AEQA250Z Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA330Z AME-AME8844AEQA330Z Datasheet
174Kb / 15P
   750mA CMOS LDO
More results

Descripción similar - AME8844AEQ330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com