Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8826AEHA330 Datasheet(PDF) 11 Page - Analog Microelectronics

No. de pieza AME8826AEHA330
Descripción Electrónicos  1.55A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826AEHA330 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8826AEHA330 Datasheet HTML 6Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 7Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 8Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 9Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 10Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 11Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 12Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 13Page - Analog Microelectronics AME8826AEHA330 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AME, Inc.
11
AME8826
1.55A CMOS LDO
!
External Resistor Divider Table
R1
(K Ohm)
1
2
5
10
20
50
100
200
500
1000
Vout
1.30
21.41
42.83
107.07 214.14 428.28 1070.69
1.35
11.50
23.00
57.50
115.00 230.00 575.00
1.40
7.86
15.72
39.30
78.61
157.22 393.04
1.45
5.97
11.94
29.86
59.71
119.42 298.56 597.55
1.50
4.81
9.63
24.07
48.14
96.28
240.70 481.68 962.79
1.55
4.03
8.06
20.16
40.32
80.65
201.62 403.44 806.49
1.60
3.47
6.94
17.35
34.69
69.39
173.46 347.07 693.85
1.65
3.04
6.09
15.22
30.44
60.88
152.21 304.52 608.82
1.70
2.71
5.42
13.56
27.12
54.24
135.59 271.27 542.36
1.75
2.44
4.89
12.22
24.45
48.90
122.24 244.56 488.98
1.80
2.23
4.45
11.13
22.26
44.52
111.29 222.64 445.16
1.85
2.04
4.09
10.21
20.43
40.86
102.14 204.33 408.55
1.90
1.89
3.78
9.44
18.88
37.75
94.38
188.80 377.51
1.95
1.75
3.51
8.77
17.54
35.08
87.71
175.46 350.85 877.12
2.00
1.64
3.28
8.19
16.39
32.77
81.93
163.88 327.70 819.26
2.05
1.54
3.07
7.69
15.37
30.74
76.86
153.74 307.43 768.56
2.10
1.45
2.90
7.24
14.48
28.95
72.38
144.78 289.51 723.78
2.15
1.37
2.74
6.84
13.68
27.36
68.39
136.81 273.57 683.92
2.20
1.30
2.59
6.48
12.96
25.93
64.82
129.67 259.29 648.23
2.25
1.23
2.46
6.16
12.32
24.64
61.61
123.23 246.43 616.07
2.30
1.17
2.35
5.87
11.74
23.48
58.70
117.41 234.78 586.96
2.35
1.12
2.24
5.60
11.21
22.42
56.05
112.11 224.19 560.47
2.40
1.07
2.15
5.36
10.73
21.45
53.63
107.27 214.51 536.27
2.45
1.03
2.06
5.14
10.28
20.56
51.41
102.83 205.63 514.07
2.50
0.99
1.97
4.94
9.87
19.75
49.36
98.74
197.46 493.64
2.55
0.95
1.90
4.75
9.50
18.99
47.48
94.97
189.91 474.77
2.60
0.91
1.83
4.57
9.15
18.29
45.73
91.47
182.92 457.29
914.58
2.65
0.88
1.76
4.41
8.82
17.64
44.11
88.22
176.42 441.05
882.10
2.70
0.85
1.70
4.26
8.52
17.04
42.59
85.19
170.37 425.93
851.85
2.75
0.82
1.65
4.12
8.24
16.47
41.18
82.37
164.72 411.80
823.61
2.80
0.80
1.59
3.99
7.97
15.94
39.86
79.73
159.44 398.59
797.18
2.85
0.77
1.54
3.86
7.72
15.45
38.62
77.25
154.48 386.19
772.39
2.90
0.75
1.50
3.75
7.49
14.98
37.45
74.92
149.82 374.55
749.10
2.95
0.73
1.45
3.64
7.27
14.54
36.36
72.72
145.43 363.58
727.17
3.00
0.71
1.41
3.53
7.06
14.13
35.32
70.65
141.30 353.24
706.48
3.05
0.69
1.37
3.43
6.87
13.74
34.35
68.70
137.39 343.47
686.95
3.10
0.67
1.34
3.34
6.68
13.37
33.42
66.85
133.69 334.23
668.46
R2(kohm)=(1.242*R1(kohm))/(Vout-1.242)


Número de pieza similar - AME8826AEHA330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8826AEHA330Z AME-AME8826AEHA330Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
More results

Descripción similar - AME8826AEHA330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8826 AME-AME8826_08 Datasheet
200Kb / 17P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com