Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZM23601V3SILR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZM23601V3SILR
Descripción Electrónicos  36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23601V3SILR Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMZM23601V3SILR Datasheet HTML 15Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 16Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 17Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 18Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 19Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 20Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 21Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 22Page - Texas Instruments LMZM23601V3SILR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
LMZM23601
www.ti.com
SNVSAQ4A – DECEMBER 2017 – REVISED APRIL 2018
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.7.4 SYNC Operation
It is often desirable to synchronize the switching frequency of multiple regulators in a single system. This
technique results in better defined EMI behavior and can reduce the need for capacitance on some power rails.
The LMZM23601 MODE/SYNC input allows synchronization to an external clock. The LMZM23601 implements
an in-phase locking scheme – the rising edge of the clock signal provided to the input of the LMZM23601 device
corresponds to turning on the high-side MOSFET device. This function is implemented using phase locking over
a limited frequency range eliminating large glitches upon initial application of an external clock. The clock fed into
the LMZM23601 device replaces the internal free-running clock but does not affect frequency foldback operation.
The foldback function takes over and the output voltage continues to be well regulated using frequency reduction
when duty factors outside of the normal duty cycle range are reached. When the device is synchronized to the
lower end of the synchronization range the internal inductor will see higher peak currents. For high current ripple
designs (for example, high input voltage and 12-V and 15-V output designs), the maximum current capability of
the device may be derated.
The device remains in FPWM mode and operates in CCM for light loads when synchronization input is provided.
The MODE/SYNC function logic always prioritizes the proper regulation of the output voltage. Table 2
summarizes the MODE/SYNC function and the operating switching frequency with various conditions. See
Typical Characteristics for frequency foldback vs input voltage behavior.
Table 2. Switching Frequency and MODE/SYNC Function
DEVICE
SWITCHING FREQUENCY
MODE/SYNC
LIGHT LOAD
FULL LOAD
VIN > 28 V
IN DROPOUT MODE
ADJ Output
Logic LOW = Auto PFM
Reduced
(save power)
Fixed
1000 kHz
Reduced
(maintain regulation)
Reduced
(maintain regulation)
Logic HIGH = FPWM
Fixed
1000 kHz
Fixed
1000 kHz
Reduced
(maintain regulation)
Reduced
(maintain regulation)
Valid FSYNC Input
FSYNC
FSYNC
Reduced
(maintain regulation)
Reduced
(maintain regulation)
Fixed
3.3-V
Output
or 5-V
Output
Logic LOW = Auto PFM
Reduced
(save power)
Fixed
750 kHz
Fixed
750 kHz
Reduced
(maintain regulation)
Logic HIGH = FPWM
Fixed
750 kHz
Fixed
750 kHz
Fixed
750 kHz
Reduced
(maintain regulation)
Valid FSYNC Input
FSYNC
FSYNC
FSYNC
Reduced
(maintain regulation)
8.3.8 Thermal Protection
The LMZM23601 monitors its junction temperature (TJ) and shuts off if the it gets too hot. The thermal shutdown
threshold for the junction is typically 155°C. Both, high-side and low-side power MOSFETs are turned off until the
junction temperature has decreased under the hysteresis level, typically 15°C below the shutdown temperature.


Número de pieza similar - LMZM23601V3SILR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
More results

Descripción similar - LMZM23601V3SILR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com