Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZM23601V5SILR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZM23601V5SILR
Descripción Electrónicos  36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23601V5SILR Datasheet(HTML) 35 Page - Texas Instruments

Back Button LMZM23601V5SILR Datasheet HTML 31Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 32Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 33Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 34Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 35Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 36Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 37Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 38Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
INPUT CAPACITOR
PLACED NEXT TO
THE MODULE
MODULE
GND
GND
VIN
VIN
MODE
EN
PG
VOUT
FB
OUTPUT
CAPACITOR
VOUT
GND
=THERMAL VIAS
FEEDBACK
CONNECTION
GND COPPER FOR
HEAT SINKING
35
LMZM23601
www.ti.com
SNVSAQ4A – DECEMBER 2017 – REVISED APRIL 2018
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Layout Guidelines (continued)
As an example, consider a typical application of 24-V input 5-V output with 0.8 A of output current and estimate
the required heat-sinking area. For this example consider a maximum ambient temperature TA_MAX of 75°C and
no air flow or additional heat sinking besides the PCB layers. Calculate the maximum allowed package thermal
resistance for this design specification.
From Typical Characteristics, it can be seen that the power dissipation for 24-V input, 5-V output, and 0.8A load
is 0.75 W. Based on Equation 7, for this power dissipation level and 75°C maximum ambient temperature, the
maximum package thermal resistance must be less than 66.7°C/W. To achieve this thermal resistance with a 2-
layer board, the approximate area of the board copper should be at least 9 cm2.
11.2 Layout Examples
Figure 71. Layout Example With Fixed Output Version


Número de pieza similar - LMZM23601V5SILR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
More results

Descripción similar - LMZM23601V5SILR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com