Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD150N08PBV Datasheet(PDF) 7 Page - International Rectifier

No. de pieza SD150N08PBV
Descripción Electrónicos  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD150N08PBV Datasheet(HTML) 7 Page - International Rectifier

  SD150N08PBV Datasheet HTML 1Page - International Rectifier SD150N08PBV Datasheet HTML 2Page - International Rectifier SD150N08PBV Datasheet HTML 3Page - International Rectifier SD150N08PBV Datasheet HTML 4Page - International Rectifier SD150N08PBV Datasheet HTML 5Page - International Rectifier SD150N08PBV Datasheet HTML 6Page - International Rectifier SD150N08PBV Datasheet HTML 7Page - International Rectifier SD150N08PBV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD150N/R Series
7
www.irf.com
Bulletin I2077 rev. B 11/01
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
100
10 00
100 00
11 .5
2
2 .5
33 .5
T = 25 C
J
In stan ta n e ou s Fo rw ard V oltag e (V )
SD 150 N/ R Se rie s
T = 180 C
J
100 0
150 0
200 0
250 0
300 0
350 0
110
1 0 0
N um b er O f E q ua l Am p litud e H a lf C yc le C urrent P u ls es (N)
SD 150N /R Se rie s
In itial T = 180 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
At An y Rate d Loa d C ondition And W ith
Ra te d V
Ap p lie d Follow in g Surg e .
RRM
500
1000
1500
2000
2500
3000
3500
4000
0.01
0.1
1
Pulse Train D ura tion (s)
In itia l T = 180 C
No V oltag e Re app lie d
Ra te d V
Re ap plie d
RRM
V e rsus Pulse Tra in D uration .
M a xim um N on Re pe titive Surg e C urre n t
J
SD 150N/ R Se ries
0.01
0.1
1
0.001
0 .01
0.1
1
10
Sq uare W ave Pulse D uration (s)
Ste ady State Value:
R
= 0.23 K/W
(D C O peration )
thJ C
SD 150N /R Series


Número de pieza similar - SD150N08PBV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results

Descripción similar - SD150N08PBV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com