Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LMZM23601V5SILT Datasheet(Hoja de datos) 9 Page - TI store

Click here to check the latest version.
No. de Pieza. LMZM23601V5SILT
Descripción  36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
Descarga  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [TI store]
Página de inicio  http://www.ti.com
Logo 

 9 page
background image
9
LMZM23601
www.ti.com
SNVSAQ4A – DECEMBER 2017 – REVISED APRIL 2018
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7.6 System Characteristics
The following specifications apply to a typical applications circuit, with nominal component values. Specifications in the typical
(TYP) column apply to TJ = 25°C. Specifications in the minimum (MIN) and maximum (MAX) columns apply to the case of
typical components over the temperature range of TJ = –40°C to 125°C. These specifications are not ensured by production
testing.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IQ-VIN
Input current to the DC-DC converter
while in regulation
VIN = 12 V, VOUT = 3.3 V, IOUT = 0 A,
fixed output option, EN connected
to VIN
25
µA
VIN =12 V, VOUT = 5 V, IOUT = 0 A,
fixed output option, EN connected
to VIN
32
VIN =24 V, VOUT = 3.3 V, IOUT = 0 A,
fixed output option, EN connected
to VIN
24
VIN = 24 V, VOUT = 5 V, IOUT = 0 A,
fixed output option, EN connected
to VIN
28
EFFICIENCY
Efficiency
Typical efficiency 12-V input
VIN =12 V, VOUT = 5 V, IOUT = 1 A
87%
Efficiency
Typical efficiency 12-V input
VIN = 12 V, VOUT = 3.3 V, IOUT = 1 A
81%
Efficiency
Typical efficiency 24-V input
VIN = 24 V, VOUT = 5 V, IOUT = 1 A
85%
Efficiency
Typical efficiency 24-V input
VIN = 24 V, VOUT = 3.3 V, IOUT = 1 A
79%
Efficiency
Typical efficiency 24-V input
VIN = 24 V, VOUT = 12 V, IOUT = 1 A
92%




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl