Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD150N08MSV Datasheet(PDF) 3 Page - International Rectifier |
|
SD150N08MSV Datasheet(HTML) 3 Page - International Rectifier |
3 / 8 page SD150N/R Series 3 www.irf.com Bulletin I2077 rev. B 11/01 400to2000 2500 T J Max. junction operating temperature range -40 to 180 150 °C Tstg Max. storage temperature range -55 to 200 RthJC Max. thermal resistance, junction to case 0.23 K/W DC operation RthCS Max. thermal resistance, 0.08 Mounting surface, smooth, flat and case to heatsink greased T Max. allowed mounting torque ±10% 14 N m Not lubricated threads wt Approximate weight 120 g Case style DO-205AC(DO-30) See Outline Table SD150N/R Thermal and Mechanical Specifications ∆R thJC Conduction (The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC) 180° 0.041 0.030 T J = TJ max. 120° 0.049 0.051 90° 0.063 0.068 60° 0.093 0.096 30° 0.156 0.157 Conduction angle Sinusoidal conduction Rectangular conduction Units Conditions K/W Parameter Units Conditions Ordering Information Table SD 15 0 N 25 P B C 1 2 3 4 5 6 7 Device Code 8 1 - Diode 2 - Essential part number 3 - 0 = Standardrecovery 4 - N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) 5 - Voltage code: Code x 100 = V RRM (See Voltage Ratings table) 6 - P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A M = Stud base DO-205AC (DO-30) M12 X 1.75 7 - B = Flag top terminal (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Non isolated lead 8 - C = Ceramic Housing (over 1600V) V = Glass-metal seal (only up to 1600V) |
Número de pieza similar - SD150N08MSV |
|
Descripción similar - SD150N08MSV |