Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC37B727 Datasheet(PDF) 9 Page - SMSC Corporation

No. de pieza FDC37B727
Descripción Electrónicos  128 Pin Enhanced Super I/O Controller with ACPI Support
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B727 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button FDC37B727 Datasheet HTML 5Page - SMSC Corporation FDC37B727 Datasheet HTML 6Page - SMSC Corporation FDC37B727 Datasheet HTML 7Page - SMSC Corporation FDC37B727 Datasheet HTML 8Page - SMSC Corporation FDC37B727 Datasheet HTML 9Page - SMSC Corporation FDC37B727 Datasheet HTML 10Page - SMSC Corporation FDC37B727 Datasheet HTML 11Page - SMSC Corporation FDC37B727 Datasheet HTML 12Page - SMSC Corporation FDC37B727 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 244 page
background image
9
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER TYPE
SERIAL PORT 2 INTERFACE (8)
123
Receive Serial Data 2/Infrared Rx
1
RXD2/IRRX
I
124
Transmit Serial Data 2/Infrared Tx (Note 3)
1
TXD2/IRTX
O24
126
Request to Send 2
1
nRTS2
O4
127
Clear to Send 2
1
nCTS2
I
128
Data Terminal Ready
1
nDTR2
O4
125
Data Set Ready 2
1
nDSR2
I
122
Data Carrier Detect 2
1
nDCD2
I
120
Ring Indicator 2
1
nRI2
I
PARALLEL PORT INTERFACE (17)
96-103
Parallel Port Data Bus
8
PD[0:7]
IOP14
95
Printer Select
1
nSLCTIN
OP14
94
Initiate Output
1
nINIT
OP14
110
Auto Line Feed
1
nALF
OP14
111
Strobe Signal
1
nSTROBE
OP14
107
Busy Signal
1
BUSY
I
108
Acknowledge Handshake
1
nACK
I
106
Paper End
1
PE
I
105
Printer Selected
1
SLCT
I
109
Error at Printer
1
nERROR
I
KEYBOARD/MOUSE INTERFACE (6)
70
Keyboard Data
1
KDAT
IOD16
71
Keyboard Clock
1
KCLK
IOD16
72
Mouse Data
1
MDAT
IOD16
73
Mouse Clock
1
MCLK
IOD16
75
Keyboard Reset
1
KBDRST
(Note 2)
O4
76
Gate A20
1
A20M
O4
Note 1: The “n” as the first letter of a signal name indicates an “Active Low” signal.
Note 2: KBDRST is active low.
Note 3: This pin defaults to an output and low. When configured as IRTX (or IRTX2), this pin is low
when the IR block is not transmitting.
Note 4: EETI is the Either Edge Triggered Interrupt Input function.


Número de pieza similar - FDC37B727

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Descripción similar - FDC37B727

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com