Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDP1A16NB Datasheet(PDF) 10 Page - Agere Systems

No. de pieza BDP1A16NB
Descripción Electrónicos  QUAD DIFFERENTIAL DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

BDP1A16NB Datasheet(HTML) 10 Page - Agere Systems

Back Button BDP1A16NB Datasheet HTML 6Page - Agere Systems BDP1A16NB Datasheet HTML 7Page - Agere Systems BDP1A16NB Datasheet HTML 8Page - Agere Systems BDP1A16NB Datasheet HTML 9Page - Agere Systems BDP1A16NB Datasheet HTML 10Page - Agere Systems BDP1A16NB Datasheet HTML 11Page - Agere Systems BDP1A16NB Datasheet HTML 12Page - Agere Systems BDP1A16NB Datasheet HTML 13Page - Agere Systems BDP1A16NB Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Agere Systems Inc.
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
Outline Diagrams
16-Pin DIP
Dimensions are in millimeters.
5-4410r.2 (C)
Note: The dimensions in this outline diagram are intended for informational purposes only. For detailed schematics to assist your design efforts,
please contact your Agere Sales Representative.
Package
Description
Number of
Pins
(N)
Package Dimensions
Maximum Length
(L)
Maximum Width
Without Leads
(B)
Maximum Width
Including Leads
(W)
Maximum Height
Above Board
(H)
PDIP3 (Plastic
Dual-In-Line
Package)
16
20.57
6.48
7.87
5.08
W
H
0.58 MAX
2.54 TYP
0.38 MIN
SEATING PLANE
N
1
PIN #1 IDENTIFIER ZONE
L
B


Número de pieza similar - BDP1A16NB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
BDP1A16E AGERE-BDP1A16E Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BDP1A16E-TR AGERE-BDP1A16E-TR Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BDP1A16G AGERE-BDP1A16G Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BDP1A16G-TR AGERE-BDP1A16G-TR Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BDP1A16P AGERE-BDP1A16P Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
More results

Descripción similar - BDP1A16NB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com