Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC0805B224K250CT Datasheet(PDF) 11 Page - International Rectifier

No. de pieza MC0805B224K250CT
Descripción Electrónicos  Drives 1 x 70W HID lamp
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

MC0805B224K250CT Datasheet(HTML) 11 Page - International Rectifier

Back Button MC0805B224K250CT Datasheet HTML 7Page - International Rectifier MC0805B224K250CT Datasheet HTML 8Page - International Rectifier MC0805B224K250CT Datasheet HTML 9Page - International Rectifier MC0805B224K250CT Datasheet HTML 10Page - International Rectifier MC0805B224K250CT Datasheet HTML 11Page - International Rectifier MC0805B224K250CT Datasheet HTML 12Page - International Rectifier MC0805B224K250CT Datasheet HTML 13Page - International Rectifier MC0805B224K250CT Datasheet HTML 14Page - International Rectifier MC0805B224K250CT Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.irf.com
- 11 -
HID lamp with an AC square-wave voltage.
The full-bridge begins oscillating at the
programmed frequency immediately when the IC comes out of UVLO Mode and turns
on. The full-bridge is typically driven at a low frequency to prevent acoustic resonances
from damaging the lamp. The full-bridge frequency is programmed with the external
capacitor at the CT pin. CT charges up and down linearly through internal sink and
source currents between a fixed voltage window of 2V and 4V. CT reaching 4V initiates
the toggling of LO1/HO1, and LO2/HO2 respectively (see Figure 5.5). The dead-time is
fixed internally at 1.0us typical. During the dead-time, all full-bridge MOSFETs are off
and the mid-points of each half-bridge are floating or unbiased.
Should an external
transient occur during the dead-time due to an ignition voltage pulse, each half-bridge
mid-point (VS1 and VS2 pins) can slew high or low very quickly and exceed the dv/dt
rating of the IC. To prevent this, internal logic guarantees that the IGN pin is set to a
logic ‘low’ during the dead-time. No ignition pulses can occur until the dead-time has
ended and the appropriate full-bridge MOSFETs are turned on. This will guarantee that
the mid-points are biased to the output voltage of the buck or COM before an ignition
pulse occurs. The full-bridge stops oscillating only when the IC enters Fault Mode or
UVLO Mode.
Figure 5.5: Full-bridge timing diagram: CH1 is CT pin voltage, CH2 is LO1 voltage, CH3 is LO2
voltage and CH4 is VS1 pin voltage
5.5 Buck Control
The buck control circuit operates in critical-conduction mode or continuous-conduction
mode depending on the off-time of the buck output or the peak current flowing through
the buck MOSFET (MBUCK).
During normal lamp running conditions, the voltage
across the buck current sensing resistor, as measured by the CS pin, is below the
internal over-current threshold (1.2V typical). The buck on-time is defined by the time it
takes for the internal on-time capacitor to charge up to the voltage level on the PCOMP
pin or ICOMP pin, whichever is lower.
During the on-time, the current in the buck


Número de pieza similar - MC0805B224K250CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC0805B224K250CT ETC1-MC0805B224K250CT Datasheet
81Kb / 5P
   Multilayer Ceramic Capacitors
More results

Descripción similar - MC0805B224K250CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
FERYSTER Inductive Comp...
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
   TW1-70W
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
   1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com