Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LF13509M Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
LF13509M Datasheet(HTML) 8 Page - National Semiconductor (TI) |
8 / 16 page Typical Applications (Continued) B SPEED CONSIDERATIONS In the system of Figure 5 with the SH omitted if n-bit accu- racy is desired the change of the analog input voltage should be less than g12 LSB over the AD conversion time TC In other words the analog input slew rate (rate of change of input voltage) will cause a slew-induced error and its magnitude with respect to the total system error will depend on the particular application D VIN D t max k g 12 LSB TC e VFS 2n c TC where VFS is the full scale voltage of the AD Note that slew induced errors are not affected by the MUX switch time since we can let the unit settle before starting conversion Example Let TC e 40 ms (MM4357) VFS e 10V and n e 8 D VIN D t max k 1mV m s which is a very small number A 10 Vp-p sine wave of a frequency greater than 32 Hz will have higher slew rate than this The maximum throughput rate of the above 8- channel system would be calculated using both the AD conversion time and the sum of MUX switch ‘‘ON’’ time and settling time ie Th R max e 1 8(TC a TMUX) e 3k samplessec channel TMUX e TON a TS(ON) Also notice that Nyquist sampling criteria would allow each channel to have a signal bandwidth of 15 kHz max while the slew limit dictates a maximum frequency of 32 Hz If the input signal has a peak-to-peak voltage less than 10V the allowable maximum input frequency can be calculated by fMAX e (Slew Rate)max q Vp-p On the other hand if the input voltage is not band-limited a low pass filter with an attenuation of 30 dB or better at 15 kHz should be connected in front of the MUX 1 Improving System Speed with a Sample and Hold The system speed can be improved by using the SH shown in Figure 5 This allows a much greater rate of change of VIN D VIN D t max k VFS 2n c TA where TA is the aperture time of the SH This repre- sents an input slew rate improvement by a factor TC TA Here again the slew rate error is not affected by the acquisition time of the Sample and Hold since con- version will start after the SH has settled An impor- tant thing to notice is that the sample and hold errors will add to the total system error budget therefore the inequality of the DVIN Dt expression should become more stringent Example TC e 40 ms TA e 05 ms n e 8 TC TA e 80 So the use of a SH allows a speed improvement by nearly two orders of magnitude The maximum throughput rate can be calculated by Th R max e 1 8(TA a Taq a TC) Notice that TMUX does not affect the DVIN Dt expression nor the throughput rate of the system since it may be switched and settled while the Sample and Hold is in the Hold mode This is true provided that TMUX k TA a TC C SYSTEM EXAMPLE (Figure 7) The LF398 SH with a 1000 pF hold capacitor has an ac- quisition time of 4 ms to 01% (14 LSB error for 8 bits) and an aperture time of less than 200 ms On the other hand after the hold command the output will settle to g005 mV in 1 ms This together with the acquisition time introduces approximately a g14 LSB error Allowing another 14 LSB error for hold step and gain non-linearity the maximum slew error (DVIN Dt) should not exceed 14 LSB or D VIN D t s 1 4 c 1 256 c 1 TA 5mV ms (which is the maximum slew rate ofa5V peak sine wave Also notice that due to the above input slew restrictions the analog delay caused by the finite BW of the SH and the digital delay caused by the response time of the controller will be negligible The maximum throughput rate of the sys- tem is Th R max e 1 8(5 a 40)10b6 e 2800 samplessecch If the system speed requirements are relaxed but the AD converter is still too slow then an inexpensive SH can be built by using just a capacitor and a low cost FET input op amp as shown in Figure 8 8 |
Número de pieza similar - LF13509M |
|
Descripción similar - LF13509M |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |