Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5272 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS5272
Descripción Electrónicos  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5272 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS5272 Datasheet HTML 2Page - Burr-Brown (TI) ADS5272 Datasheet HTML 3Page - Burr-Brown (TI) ADS5272 Datasheet HTML 4Page - Burr-Brown (TI) ADS5272 Datasheet HTML 5Page - Burr-Brown (TI) ADS5272 Datasheet HTML 6Page - Burr-Brown (TI) ADS5272 Datasheet HTML 7Page - Burr-Brown (TI) ADS5272 Datasheet HTML 8Page - Burr-Brown (TI) ADS5272 Datasheet HTML 9Page - Burr-Brown (TI) ADS5272 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADS5272
SBAS324 − JUNE 2004
www.ti.com
6
SERIAL INTERFACE TIMING
ADDRESS
DATA
DESCRIPTION
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0. LVDS BUFFERS
0
0
Normal ADC Output
0
1
Deskew Pattern
Patterns Get Reversed in MSB First
Mode of LVDS
1
0
Sync Pattern
Patterns Get Reversed in MSB First
Mode of LVDS
1
1
Custom Pattern
Mode of LVDS
0
0
Output Current in LVDS = 3.5mA
0
1
Output Current in LVDS = 2.5mA
1
0
Output Current in LVDS = 4.5mA
1
1
Output Current in LVDS = 6.0mA
0
0
0
1
1. LSB/MSB MODE
D3
D2
D1
D0
Default LVDS Clock Output Current
0
X
X
1
2X LVDS Clock Output Current
0
0
X
X
LSB Mode
0
1
X
X
MSB Mode
0
0
1
0
2. POWER-DOWN ADC CHANNELS
D3
D2
D1
D0
X
X
X
X
Power-Down Channels 1 to 4; D3 is
for Channel 4 and D0 for Channel 1
Example: 1010 Powers Down
Channels 4 and 2 and Keeps
Channels 1 and 3 Alive
0
0
1
1
3. POWER-DOWN ADC CHANNELS
D3
D2
D1
D0
X
X
X
X
Power-Down Channels 5 to 8; D3 is
for Channel 8 and D0 for Channel 5
CUSTOM PATTERN (registers 4-6)
D3
D2
D1
D0
0
1
0
0
MSB
X
X
X
0
1
0
1
X
X
X
X
Bits for Custom Pattern
0
1
1
0
X
X
X
LSB
TEST PATTERNS(1)
Deskew
101010101010
Sync
000000111111
Custom
Any 12-bit pattern that is defined in the custom pattern registers 4 to 6. The output comes out in the following order:
D0(4) D1(4) D2(4) D3(4) D0(5) D1(5) D2(5) D3(5) D0(6) D1(6) D2(6) D3(6)
where, for example, D0(4) refers to the D0 bit of register 4, etc.
(1) Default is LSB first. If MSB is selected the above patterns will be reversed.


Número de pieza similar - ADS5272

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5272 TI-ADS5272 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5272 TI1-ADS5272 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5272 TI1-ADS5272 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
ADS5272IPFP TI1-ADS5272IPFP Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
ADS5272IPFPG4 TI1-ADS5272IPFPG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
More results

Descripción similar - ADS5272

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com