Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMUX1072 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMUX1072
Descripción Electrónicos  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX1072 Datasheet HTML 7Page - Texas Instruments TMUX1072 Datasheet HTML 8Page - Texas Instruments TMUX1072 Datasheet HTML 9Page - Texas Instruments TMUX1072 Datasheet HTML 10Page - Texas Instruments TMUX1072 Datasheet HTML 11Page - Texas Instruments TMUX1072 Datasheet HTML 12Page - Texas Instruments TMUX1072 Datasheet HTML 13Page - Texas Instruments TMUX1072 Datasheet HTML 14Page - Texas Instruments TMUX1072 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Switch
50 O
50 O
50 O
50 O
tSK
50 %
50 %
0.4 V
0 V
50 %
50 %
0.4 V
0 V
tSK
0.4 V
0 V
VCOM1
VCOM2
VCOM1/2
VNC2
VNC1
VNC2
VNC1
11
TMUX1072
www.ti.com
SCDS382 – APRIL 2018
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Parameter Measurement Information (continued)
(1)
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr < 500
ps, tf < 500 ps.
(2)
CL includes probe and jig capacitance.
Figure 11. tSK


Número de pieza similar - TMUX1072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072DGSR TI1-TMUX1072DGSR Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072RUTR TI1-TMUX1072RUTR Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
More results

Descripción similar - TMUX1072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Intersil Corporation
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
   Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
Intersil Corporation
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
   2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com