Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9362AD01 Datasheet(PDF) 2 Page - Keysight Technologies

No. de pieza M9362AD01
Descripción Electrónicos  PXIe High-Speed Digitizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEYSIGHT [Keysight Technologies]
Página de inicio  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9362AD01 Datasheet(HTML) 2 Page - Keysight Technologies

  M9362AD01 Datasheet HTML 1Page - Keysight Technologies M9362AD01 Datasheet HTML 2Page - Keysight Technologies M9362AD01 Datasheet HTML 3Page - Keysight Technologies M9362AD01 Datasheet HTML 4Page - Keysight Technologies M9362AD01 Datasheet HTML 5Page - Keysight Technologies M9362AD01 Datasheet HTML 6Page - Keysight Technologies M9362AD01 Datasheet HTML 7Page - Keysight Technologies M9362AD01 Datasheet HTML 8Page - Keysight Technologies M9362AD01 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
02 | Keysight | M9203A PXIe High-Speed Digitizer/Wideband Digital Receiver - Data Sheet
Overview
Introduction
The Keysight M9203A is a very fast and low noise PXIe High-
Speed Digitizer/Wideband Digital Receiver featuring wide analog
bandwidth, making it ideal for wireless, radar and satellite commu-
nication applications or any application requiring wideband signal
capture, and at the same time very high dynamic range. Thanks
to its PCI Express® backplane connection, the M9203A supports
continuous data streaming to disk.
Product description
The M9203A is a dual-slot 3U PXIe 12-bit High-Speed Digitizer/
Wideband Digital Receiver running at 3.2 GS/s, with up to 2 GHz
instantaneous analog bandwidth and providing a large 4 GB DDR3
acquisition memory. The M9203A features a large Xilinx Virtex-6
FPGA that can implement different functionalities depending on
which firmware option you choose.
The M9203A PXIe High-Speed Digitizer/Wideband Digital Receiver
can also be combined with the Keysight 89600 VSA software for
advanced dual-channel signal analysis.
For information on other firmware options please contact Keysight
Technologies: digitizers@keysight.com
Example applications
– Wireless communication (5G, LTE)
– Emerging communication standards (e.g. DOCSIS 3.1)
– Radar and wideband signal capture
– Radar and satellite communication applications
– Semiconductor automated test
Product features
– 1 channel with 12-bit resolution up to 3.2 GS/s sampling rate
with interleaving enabled
– 2 channels up to 1.6 GS/s simultaneous sampling rate
– DC up to 2 GHz bandwidth
– 50 Ω input impedance, DC coupled
– Selectable 1 V or 2 V full scale range (FSR)
– ±200 fs channel-to-channel skew stability
– 15 ps RMS trigger time interpolator (TTI) precision
– Up to 4 GB DDR3 on-board memory
– Enhanced real-time processing using Xilinx Virtex-6 FPGA
– Support for loading custom real-time processing
– High data throughput PCIe® Gen2 (x8) backplane
– Real-time digital down-conversion (-DDC) with adjustable
center frequency and analysis bandwidth
– Real-time digitizer raw data streaming and recording bundle
– Real-time digital down-conversion with I/Q data streaming
(-CB0) and recording bundle (-CB2)
Uncompromising values
– Fast PXIe 12-bit wideband digitizer with on-board real-time
processing
– Capture wide bandwidth signals
– High dynamic range acquisition for better measurement
fidelity
– Accurate long term measurement
– Capable of switching between multiple firmware programs
– Self-trigger mode for unequaled synchronous noise reduction
– Open FPGA for custom process
– Reduced test time by tuning and zooming on signals (-DDC)
– Up to 1 GHz baseband streaming and recording (-CB0)
– Dual channel phase coherent streaming and recording with up
to 320 MHz alias protected IBW (-CB2)


Número de pieza similar - M9362AD01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F26 KEYSIGHT-M9362AD01-F26 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F40 KEYSIGHT-M9362AD01-F40 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F50 KEYSIGHT-M9362AD01-F50 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
More results

Descripción similar - M9362AD01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer/ Wideband Digital Receiver
M9217A KEYSIGHT-M9217A Datasheet
843Kb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9217A KEYSIGHT-M9217A_17 Datasheet
1Mb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
M9703B KEYSIGHT-M9703B Datasheet
3Mb / 20P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com