Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LPA2100 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

No. de pieza LPA2100
Descripción Electrónicos  Build in EQ Function 25W Class-D Audio Amplifier With AGC function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER [Lowpower Semiconductor inc]
Página de inicio  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2100 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPA2100 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2100 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LPA2100–00
Version 1.0
May.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 20
Preliminary Datasheet
LPA2100
Typical Application Circuit
MUTE
OPP
VINN
EN
VINP
OUTN
OUTP
GND
OPN
PVCC
Cs1
470uF
C4
33nF
Rf2
20K
z
Signal Control
and Indication
4.5V-15V
Signal
Input
z
BSP
BSN
Cp
0.22uF
Cn
0.22uF
CTRL/SLV
Rf1
82K
Rf2
20K
Speaker
VDD
Cs3
1uF
VCLAMP
Schottky
diode
Cv
1uF
PGND
Cs2
66uF+1uF
Rf3
100K
C3
0.33uF
Rn2
20K
C2
33nF
Rf1
20K
Rf5
100K
C1
0.33uF
Rn6
20K
1nF
1nF
B2
B1
ESOP16
MUTE
SYNC
EN
GND
RELEN
AVCC
PGND
PVCC
Cs1
470uF
z
Signal Control
and Indication
4.5V-15V
NCNBUSY
z
z
PSUB
z
CTRL/SLV
Rf1
82K
Rf2
20K
AVDD
VDD
z
AVDD
Cs3
1uF
Cs2
66uF+1uF
OUTN
OUTP
BSP
BSN
Cp
0.22uF
Cn
0.22uF
Speaker
VCLAMP
Schottky
diode
Cv
1uF
1nF
1nF
B2
B1
OPP
VINN
VINP
OPN
C4
33nF
Rf2
20K
Signal
Input
Rf3
100K
C3
0.33uF
Rn2
20K
C2
33nF
Rf1
20K
Rf5
100K
C1
0.33uF
Rn6
20K
TSSOP-24
VINN
OPP
CTRL/SLV
EN
MUTE
RELEN
NCNBUSY
PGND
BSP
PVCC
SYNC
OUTP
16
15
14
13
1
2
3
4
5
6
7
8
25
PGND
PVCC
BSN
PGND
OUTN
9
10
11
12
VINP
OPN
PSUB
AVCC
VDD
GND
NC
VCLAMP
24
23
22
21
20
19
18
17
VINN
OPP
CTRL/SLV
EN
MUTE
PVCC
OUTN
GND
OPN
VINP
BSN
VDD
16
15
14
13
1
2
3
4
5
6
7
8
VCLAMP
PVCC
OUTP
BSP
12
11
10
9
17
PGND


Número de pieza similar - LPA2100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lowpower Semiconductor ...
LPA2101 POWER-LPA2101 Datasheet
1Mb / 18P
   Build in EQ Function 12W Class-D Audio Amplifier With AGC function
LPA2103 POWER-LPA2103 Datasheet
563Kb / 10P
   EMI??W
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
LPA2105 POWER-LPA2105 Datasheet
566Kb / 8P
   Filterless 6W Class- D Mono Audio Amplifier
More results

Descripción similar - LPA2100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lowpower Semiconductor ...
LPA2101 POWER-LPA2101 Datasheet
1Mb / 18P
   Build in EQ Function 12W Class-D Audio Amplifier With AGC function
LPA2163 POWER-LPA2163 Datasheet
1Mb / 18P
   Build in EQ Function 8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2173 POWER-LPA2173 Datasheet
562Kb / 9P
   8W Mono Class- F Audio Amplifier With EQ Function
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
   Build-in soft start function
logo
Diodes Incorporated
PAM8009 DIODES-PAM8009 Datasheet
665Kb / 12P
   3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Elite Semiconductor Mem...
AD6255A ESMT-AD6255A Datasheet
239Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface and Recording function
logo
New Japan Radio
NJM2174 NJRC-NJM2174 Datasheet
96Kb / 3P
   AUDIO LINE AMPLIFIER with MUTE FUNCTION
NJM2790 NJRC-NJM2790 Datasheet
37Kb / 3P
   AUDIO LINE AMPLIFIER with MUTE FUNCTION
NJM2174V-TE2 NJRC-NJM2174V-TE2 Datasheet
40Kb / 5P
   AUDIO LINE AMPLIFIER with MUTE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com