Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFW35-V12RL Datasheet(PDF) 6 Page - PAIRUI GROUP INC.

No. de pieza LFW35-V12RL
Descripción Electrónicos  Constant Voltage LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PAIRUI [PAIRUI GROUP INC.]
Página de inicio  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFW35-V12RL Datasheet(HTML) 6 Page - PAIRUI GROUP INC.

  LFW35-V12RL Datasheet HTML 1Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 2Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 3Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 4Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 5Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 6Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 7Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 8Page - PAIRUI GROUP INC. LFW35-V12RL Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Environment
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient operating
temperature
Startup at rated voltage
(Derating required)
-25
+70
Operating relative humidity
Non condensing
20
90
%
Storagetemperature
Humidity 10 ~ 95% RH
-
40
+
80
Maximum case temperature
Hot-spotoncase
+75
MTBF
Fullload, 220Vac input, 25
℃ambient
temperature
345
Khrs
Waterproof rating
IP67
Dimension(LxWxH)
148.0 x 40.0 x 30.0mm
Weight
340g
Safety/EMC
Safety
Design refer to UL8750, EN61347, EN61347-2-13
EMC
Compliance to EN55015, FCC Part 15 Class B, EN61000-3-2, EN61000-3-3,
EN61000-4-2, 3, 4, 6, 8, 11, EN61547
NOTE: Unless otherwise specified, all the above parameters are measured at ambient temperature of
25
andVin=100Vac to 240(277)Vac.
PRODUCT SPECIFICATION
led power supplies
Updated 2016-V1.0-0716
www.pairuigroup.com
Page:5/8
PAIRUI ELECTRONICS


Número de pieza similar - LFW35-V12RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PAIRUI GROUP INC.
LFW35-C1050RL PAIRUI-LFW35-C1050RL Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW35-C350RL PAIRUI-LFW35-C350RL Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW35-C500RL PAIRUI-LFW35-C500RL Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW35-C700RL PAIRUI-LFW35-C700RL Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW35-C800RL PAIRUI-LFW35-C800RL Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results

Descripción similar - LFW35-V12RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PAIRUI GROUP INC.
LEU-35V PAIRUI-LEU-35V_16 Datasheet
473Kb / 9P
   Constant Voltage LED Power Supplies
LEU-100V PAIRUI-LEU-100V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU35-V PAIRUI-LFEU35-V Datasheet
607Kb / 8P
   Constant Voltage LED Power Supplies
LFEU60-V PAIRUI-LFEU60-V Datasheet
606Kb / 8P
   Constant Voltage LED Power Supplies
LEU-25V PAIRUI-LEU-25V Datasheet
471Kb / 9P
   Constant Voltage LED Power Supplies
LEU-20V PAIRUI-LEU-20V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFU-100V PAIRUI-LFU-100V Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFEU20-V PAIRUI-LFEU20-V Datasheet
609Kb / 8P
   Constant Voltage LED Power Supplies
LFU-60V PAIRUI-LFU-60V Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFU-150V PAIRUI-LFU-150V Datasheet
485Kb / 9P
   Constant Voltage LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com