Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFW100-V24L Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

No. de pieza LFW100-V24L
Descripción Electrónicos  Constant Voltage LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PAIRUI [PAIRUI GROUP INC.]
Página de inicio  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFW100-V24L Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LFW100-V24L Datasheet HTML 1Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 2Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 3Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 4Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 5Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 6Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 7Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 8Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
Part Number
Nominal
Input Voltage
Output Voltage
Output Current
Output Voltage
Accuracy
Ripple
Efficiency
Certificate
LFU100
-V12
LFW100-V12L
100
-240VAC
100-277VAC
12V
(0-7A)
±5%
5
%
85
%
CE
LFU100
-V15
LFW100-V15L
100
-240VAC
100-277VAC
15V
(0-6.7A)
±5%
5
%
86
%
CE
LFU100
-V24
LFW100-V24L
100
-240VAC
100-277VAC
24V
(0-4.2A)
±5%
5
%
89
%
CE
LFU100
-V36
LFW100-V36L
100
-240VAC
100-277VAC
36V
(0-2.8A)
±5%
5
%
89
%
CE
LFU100
-V48
LFW100-V48L
100
-240VAC
100-277VAC
48V
(0-2.1A)
±5%
5
%
90
%
CE
Updated 2016-V1.0-0716
www.pairuigroup.com
Page:2/8
PAIRUI ELECTRONICS
NOTE:1. Other output models are may available on request;
2.Above models are suitable for indoor or outdoor environment without direct sunlight exposure, avoid
immerse in the water for more than 30 minutes.


Número de pieza similar - LFW100-V24L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PAIRUI GROUP INC.
LFW100-C1050L PAIRUI-LFW100-C1050L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C1400L PAIRUI-LFW100-C1400L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C1750L PAIRUI-LFW100-C1750L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C2100L PAIRUI-LFW100-C2100L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C2800L PAIRUI-LFW100-C2800L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results

Descripción similar - LFW100-V24L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PAIRUI GROUP INC.
LEU-35V PAIRUI-LEU-35V_16 Datasheet
473Kb / 9P
   Constant Voltage LED Power Supplies
LEU-100V PAIRUI-LEU-100V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU35-V PAIRUI-LFEU35-V Datasheet
607Kb / 8P
   Constant Voltage LED Power Supplies
LFEU60-V PAIRUI-LFEU60-V Datasheet
606Kb / 8P
   Constant Voltage LED Power Supplies
LEU-25V PAIRUI-LEU-25V Datasheet
471Kb / 9P
   Constant Voltage LED Power Supplies
LEU-20V PAIRUI-LEU-20V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU20-V PAIRUI-LFEU20-V Datasheet
609Kb / 8P
   Constant Voltage LED Power Supplies
LFU-35V PAIRUI-LFU-35V Datasheet
479Kb / 9P
   Constant Voltage LED Power Supplies
LFU-60V PAIRUI-LFU-60V Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFU-150V PAIRUI-LFU-150V Datasheet
485Kb / 9P
   Constant Voltage LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com