Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9391A Datasheet(PDF) 2 Page - Keysight Technologies

No. de pieza M9391A
Descripción Electrónicos  M9300A PXIe Frequency Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEYSIGHT [Keysight Technologies]
Página de inicio  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A Datasheet(HTML) 2 Page - Keysight Technologies

  M9391A Datasheet HTML 1Page - Keysight Technologies M9391A Datasheet HTML 2Page - Keysight Technologies M9391A Datasheet HTML 3Page - Keysight Technologies M9391A Datasheet HTML 4Page - Keysight Technologies M9391A Datasheet HTML 5Page - Keysight Technologies M9391A Datasheet HTML 6Page - Keysight Technologies M9391A Datasheet HTML 7Page - Keysight Technologies M9391A Datasheet HTML 8Page - Keysight Technologies M9391A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Overview
Product Description
The Keysight Technologies, Inc. M9300A PXIe fre-
quency reference is a PXIe modular instrument that
can be used as a 10 MHz or 100 MHz reference in
various solutions. A single M9300A can be shared
with up to four PXI VSAs, VSGs or VXTs in one chas-
sis, as shown in Figure 1, to form a multi-channel
solution.
Instrument control is provided through a soft front
panel and programmatic interfaces tuned to your
application development environment of choice.
Product Features
– Locks to another reference with a value from
1 to 110 MHz.
– Five 100 MHz outputs
– One 10 MHz output
– Internal 10 MHz OCXO timebase output
Uncompromising Values
– Reduces development time and simplifies
integration into existing test environments with
multiple drivers and programmatic interfaces.
– Reduces startup time with Keysight IO libraries
easy con-figuration, one-step software install,
and soft front panel.
– Fast repair turnaround time with Calibrated
Core Exchange strategy.
Figure 1. M9300A PXIe Frequency Reference inserted in slot 10, above, can be
shared with four M9393A PXIe Vector Signal Analyzers in one chassis.


Número de pieza similar - M9391A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A-012 KEYSIGHT-M9391A-012 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A-B04 KEYSIGHT-M9391A-B04 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
More results

Descripción similar - M9391A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AN6342N ETC1-AN6342N Datasheet
131Kb / 3P
   VTR REFERENCE FREQUENCY DIVIDER
logo
Abracon Corporation
SYNC-10MHZ ABRACON-SYNC-10MHZ Datasheet
2Mb / 2P
   Portable Precision Frequency Reference
10.02.11
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
M9380A KEYSIGHT-M9380A_18 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9203A KEYSIGHT-M9203A_18 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9018B KEYSIGHT-M9018B Datasheet
2Mb / 14P
   18-slot PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com