Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9341B Datasheet(PDF) 3 Page - Keysight Technologies

No. de pieza M9341B
Descripción Electrónicos  M9341A PXIe Digital I/O
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEYSIGHT [Keysight Technologies]
Página de inicio  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9341B Datasheet(HTML) 3 Page - Keysight Technologies

  M9341B Datasheet HTML 1Page - Keysight Technologies M9341B Datasheet HTML 2Page - Keysight Technologies M9341B Datasheet HTML 3Page - Keysight Technologies M9341B Datasheet HTML 4Page - Keysight Technologies M9341B Datasheet HTML 5Page - Keysight Technologies M9341B Datasheet HTML 6Page - Keysight Technologies M9341B Datasheet HTML 7Page - Keysight Technologies M9341B Datasheet HTML 8Page - Keysight Technologies M9341B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
03 | Keysight | M9341A PXIe Digital I/O, M9341B PXIe Digital/Analog I/O - Data Sheet
M9341B
Overview
The Keysight M9341B PXIe Digital and Analog I/O is equipped with a 24-bit digital I/O
and an 8-bit digital I/O to allow users to control the device under test (DUT) directly
with serial or parallel digital signals1. For example, the signals from the M9341B can be
applied to select operation modes of the RF front-end module which integrates power
amplifiers, switches, low noise amplifiers, duplexer or filters in a single component. The
operation with the M9341B is synchronized with the measurement sweep by the Keysight
PXI VNA such as the M937xA Series or the M9485A, greatly improving measurement
throughput.
For more comprehensive analysis, the M9341B has four analog input connectors to allow
sensing of DC voltages from the DUT. The measured DC voltage can be displayed on
the PXI VNA screen. The 1-slot module also supports two variable DC source outputs to
control the DUT, while the DC source current can be monitored during measurements.
Key specifications/features
– 8-bit digital I/O for controlling DUT operation mode with serial/parallel signals
– 24-bit digital I/O for communication for the PXI VNA with external peripherals (i.e.
handler)
– Synchronized DC measurements with the PXI VNA. Two DC source outputs (up to
±10 V) with current monitor functions and four DC source inputs for sensing DC
voltages from the DUT
1. Serial signals from 8-bit I/O can provide up to 4-channels RFFE-like interface with software selectable
clock rate (25 MHz maximum). Please refer to the help file for detail.


Número de pieza similar - M9341B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9340A KEYSIGHT-M9340A Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
More results

Descripción similar - M9341B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
   Digital I/O Module
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC_11 Datasheet
484Kb / 11P
   DIGITAL SENSOR I/O DRIVER
logo
Keysight Technologies
E1458A KEYSIGHT-E1458A Datasheet
180Kb / 4P
   96-Channel Digital I/O
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC_17 Datasheet
519Kb / 12P
   DIGITAL SENSOR I/O DRIVER
IC-DXC3 ICHAUS-IC-DXC3 Datasheet
566Kb / 12P
   DIGITAL SENSOR I/O DRIVER
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
   High-Speed Digital I/O
April 2018. Rev 5
logo
National Instruments Co...
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
   Portable digital I/O device / 96 bidirectional I/O channels
logo
Analog Devices
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Contec Co., Ltd
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
   Digital I/O Terminal for USB2.0
logo
List of Unclassifed Man...
MB961 ETC2-MB961 Datasheet
838Kb / 1P
   Watchdog timer, Digital I/O, iSMART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com