Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9389A Datasheet(PDF) 8 Page - Keysight Technologies

No. de pieza M9389A
Descripción Electrónicos  M9389A PXIe Vector Network Analyzer Source
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEYSIGHT [Keysight Technologies]
Página de inicio  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9389A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button M9389A Datasheet HTML 4Page - Keysight Technologies M9389A Datasheet HTML 5Page - Keysight Technologies M9389A Datasheet HTML 6Page - Keysight Technologies M9389A Datasheet HTML 7Page - Keysight Technologies M9389A Datasheet HTML 8Page - Keysight Technologies M9389A Datasheet HTML 9Page - Keysight Technologies M9389A Datasheet HTML 10Page - Keysight Technologies M9389A Datasheet HTML 11Page - Keysight Technologies M9389A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
08 | Keysight | M9389A PXIe Vector Network Analyzer Source - Data Sheet
Technical Specifications and Characteristics
Spectral purity (continued)
Analog modulation
Pulse parameters
Pulse on/off ratio 1 MHz to 400 MHz
> 85 dB, typical
Pulse on/off ratio > 400 MHz to 6 GHz
> 95 dB, typical
Pulse rise/fall time
< 10 ns, nominal
Topic
Operating systems
Windows 7 (32-bit and 64-bit)
Processor speed
1 GHz 32-bit (x86), 1 GHz 64-bit (x64)
(no support for Itanium 64)
Available memory
4 GB minimum
8 GB or greater recommended
Available
disk space 3
1.5 GB available hard disk space, includes:
– 1 GB available for Microsoft .NET framework 3.5 SP1 4
– 100 MB for Keysight IO libraries suite
Video
Support for DirectX 9 graphics with 128 MB graphics memory recommended
(Super VGA graphics is supported)
Browser
Microsoft Internet Explorer 7.0 or greater
Keysight IO libraries
Version 16.3.16603.3 or later
Broadband noise floor
Range
1 MHz to 6 GHz
< -140 dBc/Hz, nominal, at +10 dBm output power level
Harmonics
Range
≤ 0 dBm
≤ +10 dBm
1 MHz to < 400 MHz
< -43 dBc
-46 dBc, typical
< -35 dBc
-37 dBc, typical
400 MHz to 1.5 GHz
< -29 dBc
-31 dBc, typical
< -27 dBc
-29 dBc, typical
> 1.5 GHz to 3 GHz
< -35 dBc
-39 dBc, typical
< -30 dBc
-33 dBc, typical
Nonharmonics 1
Nonharmonic miscellaneous spurious 2
< -70 dBc, nominal
Nonharmonic HET band mixing spurs (0 dBm)
< -67 dBc, nominal
Nonharmonic Frac-N
< -66 dBc, nominal
Subharmonics
1 MHz to 6 GHz
none
1. Non-harmonics include mixing spurs for frequencies below 400 MHz, synthesizer spurs, and other miscellaneous chassis and power supply products, for
offsets >10 kHz.
2. With a Keysight M9036A embedded controller.
3. Because of the installation procedure, less memory may be required for operation than is required for installation.
4. NET framework runtime components are installed by default with Windows Windows 7. Therefore, you may not need this amount of available disk space.
System requirements


Número de pieza similar - M9389A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
More results

Descripción similar - M9389A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com