Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP1475S Datasheet(PDF) 7 Page - Monolithic Power Systems

No. de pieza MP1475S
Descripción Electrónicos  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1475S Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1475S Datasheet HTML 3Page - Monolithic Power Systems MP1475S Datasheet HTML 4Page - Monolithic Power Systems MP1475S Datasheet HTML 5Page - Monolithic Power Systems MP1475S Datasheet HTML 6Page - Monolithic Power Systems MP1475S Datasheet HTML 7Page - Monolithic Power Systems MP1475S Datasheet HTML 8Page - Monolithic Power Systems MP1475S Datasheet HTML 9Page - Monolithic Power Systems MP1475S Datasheet HTML 10Page - Monolithic Power Systems MP1475S Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MP1475S – HIGH-EFFICIENCY, 3A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1475S Rev. 1.0
www.MonolithicPower.com
7
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 3.3V, L=4.7μH, TA = 25°C, unless otherwise noted.
Start-Up through Enable
IOUT=3A
Shutdown through
Enable
IOUT=0A
Shutdown through
Enable
IOUT=3A
Start-Up through Input
Voltage
IOUT=0A
Start-Up through Input
Voltage
IOUT=3A
Shutdown through
Input Voltage
IOUT=0A
VEN
5V/div.
VSW
10V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VSW
5V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VSW
5V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VSW
5V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VEN
5V/div.
VSW
10V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VEN
5V/div.
VSW
10V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
Short Recovery
IOUT=0A
Start-Up through Enable
IOUT=0A
Short Entry
IOUT=0A
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VIN
10V/div.
IINDUCTOR
5A/div.
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VIN
10V/div.
IINDUCTOR
5A/div.
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VEN
5V/div.
IINDUCTOR
2A/div.


Número de pieza similar - MP1475S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475DJ MPS-MP1475DJ Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Descripción similar - MP1475S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com