Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5253B-8 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CS5253B-8
Descripción Electrónicos  3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5253B-8 Datasheet HTML 1Page - ON Semiconductor CS5253B-8 Datasheet HTML 2Page - ON Semiconductor CS5253B-8 Datasheet HTML 3Page - ON Semiconductor CS5253B-8 Datasheet HTML 4Page - ON Semiconductor CS5253B-8 Datasheet HTML 5Page - ON Semiconductor CS5253B-8 Datasheet HTML 6Page - ON Semiconductor CS5253B-8 Datasheet HTML 7Page - ON Semiconductor CS5253B-8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS5253B−8
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (0
°C ≤ TA ≤ 70°C; 0°C ≤ TJ ≤ 150°C; VSENSE = VOUT and GND = 0 V; unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VCONTROL Dropout Voltage
(Minimum VCONTROL − VOUT)
(Note 5)
VPOWER = 3.13 V, IOUT = 100 mA
VPOWER = 3.13 V, IOUT = 1.0 A
VPOWER = 3.13 V, IOUT = 3.0 A
0.90
1.00
1.05
1.15
1.15
1.30
V
V
V
VPOWER Dropout Voltage
(Minimum VPOWER − VOUT)
(Note 5)
VCONTROL = 3.9 V, IOUT = 100 mA
VCONTROL = 3.9 V, IOUT = 1.0 A
VCONTROL = 3.9 V, IOUT = 3.0 A
0.05
0.15
0.40
0.15
0.25
0.60
V
V
V
RMS Output Noise
Freq = 10 Hz to 10 kHz, TA = 25°C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown (Note 6)
150
180
210
°C
Thermal Shutdown Hysteresis
25
°C
VCONTROL Supply Only Output
Current
VCONTROL = 13 V, VPOWER Not Connected,
GND = VOUT = VSENSE = 0 V
50
mA
VPOWER Supply Only Output
Current
VPOWER = 6.0 V, VCONTROL Not Connected,
GND = VOUT = VSENSE = 0 V
0.1
1.0
mA
5. Dropout is defined as either the minimum control voltage (VCONTROL) or minimum power voltage (VPOWER) to output voltage differential
required to maintain 1.5% regulation at a particular load current.
6. This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown functional test
is performed on each part.
PACKAGE PIN DESCRIPTION
Package
Pin #
Pin
Symbol
Function
1
VSENSE
This Kelvin sense pin allows for remote sensing of the output voltage at the load for improved regulation. It is
internally connected to the positive input of the voltage sensing error amplifier.
2
GND
This pin is connected to system ground.
3
VOUT
This pin is connected to the emitter of the power pass transistor and provides a regulated voltage capable of
sourcing 3.0 A of current.
4
VCONTROL This is the supply voltage for the regulator control circuitry. For the device to regulate, this voltage should be
between 0.9 V and 1.3 V (depending on the output current) greater than the output voltage. The control pin
current will be about 1.0% of the output current.
5
VPOWER
This is the power input voltage. This pin is physically connected to the collector of the power pass transistor. For
the device to regulate, this voltage should be between 0.1 V and 0.6 V greater than the output voltage depending
on the output current. The output load current of 3.0 A is supplied through this pin.
Figure 2. Block Diagram
+
+
BIAS
and
TSD
VREF
EA
IA
VOUT
VSENSE
GND
VPOWER
VCONTROL


Número de pieza similar - CS5253B-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS5253B-8 ONSEMI-CS5253B-8 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-8GDP5 ONSEMI-CS5253B-8GDP5 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-8GDP5G ONSEMI-CS5253B-8GDP5G Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-8GDPR5 ONSEMI-CS5253B-8GDPR5 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-8GDPR5G ONSEMI-CS5253B-8GDPR5G Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
More results

Descripción similar - CS5253B-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS5253B-8 ONSEMI-CS5253B-8_05 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-1 ONSEMI-CS5253B-1 Datasheet
85Kb / 10P
   3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
June, 2004 ??Rev. 5
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com