Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47721 Datasheet(PDF) 6 Page - ON Semiconductor

No. de Pieza. NCV47721
Descripción  Adjustable LDO with Adjustable Current Limit
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47721 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCV47721
www.onsemi.com
6
Table 6. ELECTRICAL CHARACTERISTICS Vin = 13.5 V, VEN = 3.3 V, RCSO = 0 W, CCSO = 1 mF, Cin = 1 mF, Cout = 10 mF, Min and
Max values are valid for temperature range −40
°C v TJ v +150°C unless noted otherwise and are guaranteed by test, design or
statistical correlation. Typical values are referenced to TJ = 25°C (Note 8)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
DIAGNOSTICS
Overcurrent Voltage Level Threshold
Vout_nom = 5 V, RCSO = 1 kW
VOC
92
95
98
% of
VCSO_
Ilim
Short To Battery (STB) Voltage
Threshold in OFF state
Vin = 4.4 V to 18 V, Iout = 0 mA
VSTB
2
3
4
V
Open Load (OL) Current Threshold
in OFF state
Vin = 4.4 V to 18 V
IOL
5
10
25
mA
Diagnostics Enable Threshold Voltage
Logic Low (OFF)
Logic High (ON)
Vth(DE)
0.99
1.8
1.9
2.31
V
Error Flag Low Voltage
IEF = −1 mA
VEF_Low
0.04
0.4
V
THERMAL SHUTDOWN
Thermal Shutdown Temperature
(Note 11)
Iout = 5 mA, Vout_nom = 5 V
TSD
150
175
195
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [ TJ. Low duty
cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. Minimum input voltage Vin_min is 4.4 V or (Vout_nom + 1 V) whichever is higher.
10. Measured when the output voltage Vout has dropped by 2% of Vout_nom from the nominal valued obtained at Vin = Vout + 8.5 V.
11. Values based on design and/or characterization.
12. Not guaranteed in dropout.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn