Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47721 Datasheet(PDF) 15 Page - ON Semiconductor

No. de Pieza. NCV47721
Descripción  Adjustable LDO with Adjustable Current Limit
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47721 Datasheet(HTML) 15 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
NCV47721
www.onsemi.com
15
PACKAGE DIMENSIONS
TSSOP−14 EP
CASE 948AW
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION SHALL BE
0.07 mm MAX. AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER RADI-
US OF THE FOOT. MINIMUM SPACE BETWEEN PRO-
TRUSION AND ADJACENT LEAD IS 0.07.
4. DIMENSION D DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED
0.15 mm PER SIDE. DIMENSION D IS DETERMINED AT
DATUM H.
5. DIMENSION E1 DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSIONS. INTERLEAD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.25 mm PER
SIDE. DIMENSION E1 IS DETERMINED AT DATUM H.
6. DATUMS A AND B ARE DETERMINED AT DATUM H.
7. A1 IS DEFINED AS THE VERTICAL DISTANCE FROM
THE SEATING PLANE TO THE LOWEST POINT ON THE
PACKAGE BODY.
8. SECTION B−B TO BE DETERMINED AT 0.10 TO 0.25 mm
FROM THE LEAD TIP.
DIM
MIN
MAX
MILLIMETERS
A
−−−−
1.20
b
0.19
0.30
c
0.09
0.20
A1
0.05
0.15
L
0.45
0.75
M
0
8
_
_
6.70
14X
0.42
14X
1.15
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
E
6.40 BSC
L2
0.25 BSC
RECOMMENDED
3.06
3.40
SECTION B−B
c
c1
b
b1
A2
0.80
1.05
b1
0.19
0.25
c1
0.09
0.16
D
4.90
5.10
D2
3.09
3.62
E1
4.30
4.50
E2
2.69
3.22
0.65 BSC
e
SEATING
PLANE
A2
M
L
DETAIL A
END VIEW
PIN 1
7
1
14
8
TOP VIEW
E1
SIDE VIEW
REFERENCE
0.20 C
NOTE 5
2X 14 TIPS
B
0.10 C
C
A
14X
c
DETAIL A
A1
B
B
E2
BOTTOM VIEW
D2
b
0.10 C
NOTE 3
B
A
14X
0.05 C
D
NOTE 4
GAUGE
PLANE
C
NOTE 7
H
L2
E
e
BA
NOTE 6
NOTE 8
A
NOTE 6
S
S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn