Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCV51460SN33T1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza NCV51460SN33T1G
Descripción Electrónicos  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51460SN33T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV51460SN33T1G Datasheet HTML 1Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 2Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 3Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 4Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 5Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 6Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 7Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 8Page - ON Semiconductor NCV51460SN33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCV51460
www.onsemi.com
2
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
VIN
Positive Input Voltage
2
VOUT
Regulated Output Voltage
3
GND
Power Supply Ground; Device Substrate
Table 2. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
30
V
Reverse Input Voltage
VIN
−15
V
Output Short Circuit Duration, TA = 25°C
VIN ≤ 27 V
VIN > 27 V
tSC
R
50
sec
Operating Ambient Temperature Range
TA
−40 to 125
°C
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latch up Current Maximum Rating:
±150 mA per JEDEC standard: JESD78.
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOT−23 package
Thermal Resistance, Junction−to−Ambient (Note 3)
RqJA
246
°C/W
3. Soldered on 1 oz 50 mm2 FR4 copper area.
Table 4. RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Operating Input Voltage (Note 4)
VIN
VOUT + 0.9
28
V
Operating Ambient Temperature Range
TA
−40
125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.


Número de pieza similar - NCV51460SN33T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV51400 ONSEMI-NCV51400 Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MWTXG ONSEMI-NCV51400MWTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com