Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACT2801 Datasheet(PDF) 25 Page - Active-Semi, Inc

No. de pieza ACT2801
Descripción Electrónicos  5V/1.5A Backup Battery Pack Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTIVE-SEMI [Active-Semi, Inc]
Página de inicio  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT2801_17 Datasheet HTML 17Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 18Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 19Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 20Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 21Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 22Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 23Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 24Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 25Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Rev 9, 14-Mar-17
Innovative PowerTM
- 25 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ACT2801/ACT2801B/ACT2801C
PACKAGE OUTLINE
QFN44-24 PACKAGE OUTLINE AND DIMENSIONS
A
D
D/2
E
E/2
A3
A1
D2
E2
e
b
L
R
K
PIN #1 INDEX AREA
D/2 x E/2
PIN #1 INDEX AREA
D/2 x E/2
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.800
1.000
0.032
0.040
A1
0.000
0.050
0.000
0.002
A3
0.200 REF
0.008 REF
b
0.180
0.300
0.007
0.012
D
4.000 BSC
0.160 BSC
E
4.000 BSC
0.160 BSC
D2
2.500
2.800
0.098
0.110
E2
2.500
2.800
0.098
0.110
e
0.500 BSC
0.020 BSC
L
0.350
0.450
0.014
0.018
R
0.200 TYP
0.008 TYP
K
0.200
---
0.008
---
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.


Número de pieza similar - ACT2801_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
More results

Descripción similar - ACT2801_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com