Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACT8870QJ-T Datasheet(PDF) 28 Page - Active-Semi, Inc

No. de pieza ACT8870QJ-T
Descripción Electrónicos  Advanced PMU for Microcontrollers and Solid State Drive Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTIVE-SEMI [Active-Semi, Inc]
Página de inicio  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8870QJ-T Datasheet HTML 24Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 25Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 26Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 27Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 28Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 29Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 30Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 31Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
28
Input Capacitor Selection
Each regulator requires a high quality, low-ESR,
ceramic input capacitor. Note that even though each
buck converter has separate input pins, all input pins
must be connected to the same voltage potential. 10uF
capacitors are typically suitable, but this value can be
increased without limit. Smaller capacitor values can be
used with lighter output loads. Choose the input
capacitor value to keep the input voltage ripple less than
50mV.
Vripple
∗ 1
Be sure to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5U,
Z5U, or similar dielectrics is not recommended. Input
capacitor placement is critical for proper operation.
Each buck’s input capacitor must be placed as close to
the IC as possible. The traces from VIN_Bx to the
capacitor and from the capacitor to PGNDx should as
short and wide as possible.
Inductor Selection
The Buck converters utilize current-mode control and a
proprietary
internal
compensation
scheme
to
simultaneously simplify external component selection
and optimize transient performance over their full
operating range. The ACT8870 is optimized for
operation with 1.0-1.5μH inductors. Choose an inductor
with a low DC-resistance, and avoid inductor saturation
by choosing inductors with DC ratings that exceed the
maximum output current by at least 30%. The following
equation calculates the inductor ripple current.
1
Where VOUT is the output voltage, VIN is the input voltage,
FSW is the switching frequency, and L is the inductor
value.
Output Capacitor Selection
The ACT8870 is designed to use small, low ESR,
ceramic output capacitors. Buck1 typically requires a
44uF output capacitor while Buck2, Buck3, and Buck4
require a 22uF output capacitor each. In order to ensure
stability, the actual Buck1 capacitance should be
greater than 33uF while Buck2, Buck3, and Buck4
should be greater than 15uF. The output capacitance
can be increased to reduce output voltage ripple and
improve load transients if needed. Design for an output
ripple voltage less than 1% of the output voltage. The
following equation calculates the output voltage ripple
as a function of output capacitance.
VRIPPLE
8∗
Where ΔIL is the inductor ripple current, FSW is the
switching frequency, and COUT is the output capacitance
after taking DC bias into account.
Be sure to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The output capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5U,
Z5U, or similar dielectrics are not recommended due to
their wide variation in capacitance over temperature and
voltage ranges.
LDO CONVERTERS
General Description
The ACT8870 contains three fully integrated low
dropout linear regulators (LDO). LDO1 is an 800mA
output, while LDO2 and LDO3 are 200mA outputs. The
LDOs are require only two small external components
(Cin, Cout) for operation. They ship with default output
voltages that can be modified via the I2C interface for
systems that require advanced power management
functions.
LDO1 has a dedicated input pin. LDO2 and LDO3 share
an input pin. The LDOs can operate from different input
voltages than the buck converters. LDO1 and LDO2/3
can operate from different input voltage from each other.
Enable / Disable Control
When power is applied to the IC, all LDOs automatically
turn on according to a pre-programmed sequence.
Once in normal operation (ACTIVE state), each con-
verter can be independently disabled via I2C. Each CMI
version requires a different set of command to disable a
converter, so contact the factory for specific instructions
if needed. Each converter contains an optional inte-
grated discharge resistor that actively discharges the
output capacitor when the regulator is disabled. Each
LDO’s discharge function is enabled via its I2C bit
DIS_PULLDOWN.
Soft-Start
Each LDO contains a softstart circuit that limits the rate
of change of the output voltage, minimizing input inrush
current and ensuring that the outputs power up in a
monotonically. This circuitry is effective any time the


Número de pieza similar - ACT8870QJ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
More results

Descripción similar - ACT8870QJ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com