Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADLGS45PC-FANSINK Datasheet(PDF) 2 Page - ADL Embedded Solutions

No. de pieza ADLGS45PC-FANSINK
Descripción Electrónicos  PCI/104-Express
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADL [ADL Embedded Solutions]
Página de inicio  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLGS45PC-FANSINK Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLGS45PC-FANSINK Datasheet HTML 1Page - ADL Embedded Solutions ADLGS45PC-FANSINK Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
PCI/104-Express
Data subject to change without notice
Technical Specifications
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU:
Intel® Celeron M SFF / CoreTM 2 Duo SFF
Celeron M - 722 ULV
Core™ 2 Duo - SU9300 / SL9400 /
SP9300
L2-Cache:
1MB /3MB /6MB
Celeron M: 722 ULV-1MB
Core™ 2 Duo: SU9300-3MB /
SL9400/SP9300-6MB
Front Side Bus:
800/1066MHz
CPU dependent
Celeron® M and SU9300 - 800MHz
FSB
CPU-Clock:
1.20GHz — 2.26GHz
Memory 204pin DDR3 SODIMM:
2GB – 4GB
Video Controller:
Intel® GS45 integrated
Intel® Gen 5.0 integrated graphics
engine
Video Memory:
Max 8MB UMA / Max 256MB DVMT
Video Interfaces:
VGA-Analog CRT, LVDS
Dual Independent display
Video Channel 1:
2048 x 1536@60Hz
Video Channel 2:
1600 x 1200 LVDS
Real Time Clock:
Yes
External Battery Required for RTC
LAN-Controller:
ICH9M-E / 567 Phy and Intel® 82574L
10/100/1000Mb
AC97-Controller:
Intel® ICH9M-E
ALC889 Codec - Intel® HDA (8-ch.)
SMBus-Controller:
Intel® ICH9M-E
USB2-Controller:
8x USB 2.0 compliant
Flash BIOS:
SPI-Flash
BIOS:
Phoenix Award
Power Management Control:
ACPI 3.0 / APM 1.2
S-States: S0, S1, S4, S5
SATA Controller:
Intel® ICH9M-E - 6 ports
4 Ports SATA 3Gb/s with RAID
SATA RAID:
Intel® ICH9M-E Levels 0/1/5/10
SATA RAID Levels 5 and 10 require
Intel Storage Matrix support
Hardware Monitor:
Winbond W83627HG
Audio Output:
Line Out, SPDIF Out
7.1 Support
Audio Input:
Line In, SPDIF In, MIC
Keyboard:
PS/2-USB
Mouse:
PS/2-USB
COM1:
RS232
Optional RS422/485
COM2:
RS232
Optional RS422/485
LPT1:
Uni/ECP/EPP/FDC
Shared with Floppy Controller
Floppy Disk:
Shared with LPT1
ISA-Bus:
--
PCI-Bus:
PC/104-Plus V2.0
Support For 4 Masters
PCI Express Bus
PCI/104-Express V1.0
4 x1 Lanes, 1 x16 Lane (PEG)
Power Supply:
+5V, +12V, +5V Suspend ±5%
Power Consumption (Typical):
722 - 12.6W
SL9400 - 13.5W
SU9300 - 12.6W
SP9300 - 18.3W
With approved Radiative cooling solu-
tion
Operating Temperature:
(ambient)
-25° to 70° C
With approved thermal solution
Extended Temp. –40 to +85° C
Dimensions:
4.5” x 3.8” (115mm x 96mm)


Número de pieza similar - ADLGS45PC-FANSINK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADL Embedded Solutions
ADLGS45PC-722 ADL-ADLGS45PC-722 Datasheet
222Kb / 2P
   Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC-SL9400 ADL-ADLGS45PC-SL9400 Datasheet
222Kb / 2P
   Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC-SP9300 ADL-ADLGS45PC-SP9300 Datasheet
222Kb / 2P
   Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC-SU9300 ADL-ADLGS45PC-SU9300 Datasheet
222Kb / 2P
   Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
More results

Descripción similar - ADLGS45PC-FANSINK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADL Embedded Solutions
MSM200X ADL-MSM200X Datasheet
250Kb / 2P
   PCI/104-Express
MSMSA104EX ADL-MSMSA104EX Datasheet
201Kb / 1P
   PCI/104-Express SATA 300 Adapter Board
logo
Adlink Technology Inc.
CMX-SLX ADLINK-CMX-SLX Datasheet
644Kb / 4P
   PCI/104-Express Type 1 Single Board Computer
logo
AAEON Technology
PCM-3708 AAEON-PCM-3708 Datasheet
475Kb / 1P
   PCI-104 Interface
PFM-T096P AAEON-PFM-T096P Datasheet
221Kb / 2P
   pci-104 interface
logo
Advantech Co., Ltd.
PCM-200 ADVANTECH-PCM-200_12 Datasheet
805Kb / 1P
   PCI-104 to PCI Bus Module
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
   PCI Express to PCI Bridge
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com