Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP2224 Datasheet(PDF) 6 Page - Monolithic Power Systems

No. de pieza MP2224
Descripción Electrónicos  High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2224 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2224 Datasheet HTML 2Page - Monolithic Power Systems MP2224 Datasheet HTML 3Page - Monolithic Power Systems MP2224 Datasheet HTML 4Page - Monolithic Power Systems MP2224 Datasheet HTML 5Page - Monolithic Power Systems MP2224 Datasheet HTML 6Page - Monolithic Power Systems MP2224 Datasheet HTML 7Page - Monolithic Power Systems MP2224 Datasheet HTML 8Page - Monolithic Power Systems MP2224 Datasheet HTML 9Page - Monolithic Power Systems MP2224 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP2224
–18V/4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2224 Rev. 1.0
www.MonolithicPower.com
6
12/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board described in the Design Example
section.
VIN = 12V, VOUT = 3.3V, TA = 25°C, unless otherwise noted.


Número de pieza similar - MP2224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP2225DJ MPS-MP2225DJ Datasheet
191Kb / 5P
   High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
MP2225GJ MPS-MP2225GJ Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
   24V, 3A, 1.3MHz Synchronous Step-Down Converter
MP2227DQ MPS-MP2227DQ Datasheet
458Kb / 13P
   24V, 3A, 1.3MHz Synchronous Step-Down Converter
More results

Descripción similar - MP2224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
   500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
   500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com