Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH320FA Datasheet(PDF) 8 Page - OSRAM GmbH

No. de pieza SFH320FA
Descripción Electrónicos  Silicon NPN Phototransistor in SMT TOPLED짰-Package Version 1.4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH320FA Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH320FA Datasheet HTML 4Page - OSRAM GmbH SFH320FA Datasheet HTML 5Page - OSRAM GmbH SFH320FA Datasheet HTML 6Page - OSRAM GmbH SFH320FA Datasheet HTML 7Page - OSRAM GmbH SFH320FA Datasheet HTML 8Page - OSRAM GmbH SFH320FA Datasheet HTML 9Page - OSRAM GmbH SFH320FA Datasheet HTML 10Page - OSRAM GmbH SFH320FA Datasheet HTML 11Page - OSRAM GmbH SFH320FA Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2015-12-08
8
Version 1.4
SFH 320 FA
Taping
Dimensions in mm (inch).
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P
to
100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax
to
T
P
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480
OHAY2271
4 (0.157)
1.5 (0.059)
2.9 (0.114)
4 (0.157)
2 (0.079)
Cathode/Collector Marking


Número de pieza similar - SFH320FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SFH320FA SIEMENS-SFH320FA Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
SFH320FA-3 SIEMENS-SFH320FA-3 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
SFH320FA-4 SIEMENS-SFH320FA-4 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
More results

Descripción similar - SFH320FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
   Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-320 OSRAM-SFH-320 Datasheet
414Kb / 14P
   Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-3211-FA OSRAM-SFH-3211-FA Datasheet
409Kb / 14P
   Silicon NPN Phototransistor in SMT TOPLED짰 RG-Package
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
   Silicon NPN Phototransistor in SMT Package
SFH325 OSRAM-SFH325_01 Datasheet
86Kb / 7P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH3219 OSRAM-SFH3219 Datasheet
64Kb / 7P
   Silicon NPN Phototransistor in SMT-Package with lens
logo
OPTEK Technologies
OP522 OPTEK-OP522 Datasheet
300Kb / 4P
   Silicon Phototransistor in Miniature SMT Package
logo
TT Electronics.
OP522 TTELEC-OP522 Datasheet
295Kb / 4P
   Silicon Phototransistor in Miniature SMT Package
logo
OPTEK Technologies
OP580 OPTEK-OP580 Datasheet
259Kb / 4P
   Silicon Phototransistor in SMT Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com