Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP210SFAR2 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC100EP210SFAR2
Descripción Electrónicos  2.5V1:5 Dual Differential LVDS Compatible Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP210SFAR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP210SFAR2 Datasheet HTML 1Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100EP210S
http://onsemi.com
3
MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Power Supply
VEE = 0 V
6
V
VEE
Power Supply (GND)
VCC = 2.5 V
–6
V
VI
LVDS LVPECL Input Voltage
VEE =0V
VI ≤ VCC
6
V
VI
LVDS, LVPECL Input Voltage
VEE = 0 V
VI ≤ VCC
6
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature Range
–65 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
0 LFPM
500 LFPM
32 LQFP
32 LQFP
80
55
°C/W
°C/W
θJC
Thermal Resistance (Junction–to–Case)
std bd
32 LQFP
12 to 17
°C/W
Tsol
Wave Solder
< 2 to 3 sec @ 248°C
265
°C
2. Maximum Ratings are those values beyond which device damage may occur.
DC CHARACTERISTICS VCC = 2.5 V, VEE = 0 V (Note 3)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
150
200
150
200
150
200
mA
VOH
Output HIGH Voltage (Note 4)
1250
1400
1550
1250
1400
1550
1250
1400
1550
mV
VOL
Output LOW Voltage (Note 4)
800
950
1100
800
950
1100
800
950
1100
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 5)
1.2
2.5
1.2
2.5
1.2
2.5
V
RT
Internal Termination Resistor
43
57
43
50
57
43
57
W
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
CLK
CLK
0.5
–150
0.5
–150
0.5
–150
µA
NOTE:
100EP circuits are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
3. Input and output parameters vary 1:1 with VCC.
4. All loading with 100
Ω across LVDS differential outputs.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
AC CHARACTERISTICS VCC = 2.375 to 2.625 V, VEE = 0 V (Note 6)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmaxLVDS/
LVPECL
Maximum Frequency
(See Figure 3. Fmax/JITTER)
> 1
> 1
> 1
GHz
tPLH
tPHL
Propagation Delay
425
525
625
450
550
650
475
575
675
ps
tskew
Within–Device Skew (Note 7)
Device–to–Device Skew (Note 8)
Duty Cycle Skew (Note 9)
20
85
80
25
160
100
20
85
80
25
160
100
20
85
80
35
160
100
ps
tJITTER
Cycle–to–Cycle Jitter
(See Figure 3. Fmax/JITTER)
.2
< 1
.2
< 1
.2
< 1
ps
VPP
Minimum Input Swing
150
800
1200
150
800
1200
150
800
1200
mV
tr/tf
Output Rise/Fall Time (20%–80%)
50
130
200
75
150
225
80
160
230
ps
6. Measured with 400 mV source, 50% duty cycle clock source. All loading with 100
Ω across differential outputs.
7. Skew is measured between outputs under identical transitions of similar paths through a device.
8. Device–to–Device skew for identical transitions at identical VCC levels.
9. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output.


Número de pieza similar - MC100EP210SFAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP210SFAR2 ONSEMI-MC100EP210SFAR2 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFAR2G ONSEMI-MC100EP210SFAR2G Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFAR2G ONSEMI-MC100EP210SFAR2G Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210SFAR2G ONSEMI-MC100EP210SFAR2G Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
More results

Descripción similar - MC100EP210SFAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Texas Instruments
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
[Old version datasheet]   Automotive LVDS Dual Differential Driver
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
   Automotive LVDS Dual Differential Driver
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
[Old version datasheet]   High Temperature LVDS Dual Differential Driver
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8