Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCWJNSH.EC2.0 Datasheet(PDF) 8 Page - OSRAM GmbH

No. de pieza LCWJNSH.EC2.0
Descripción Electrónicos  white SMT package, colored diffused silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.EC2.0 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWJNSH.EC2.0 Datasheet HTML 4Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 9Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 10Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 11Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2012-10-17
8
Version 2.0 - OS-PCN-2012-038-A
LCW JNSH.EC
7M
0.3799
0.3828
8R
0.4261
0.4077
7W
0.4585
0.4104
0.3826
0.3931
0.4299
0.4165
0.4636
0.4197
0.3885
0.3882
0.4346
0.4108
0.4644
0.4118
0.3916
0.3987
0.4387
0.4197
0.4697
0.4211
5N
0.3822
0.3670
5S
0.4222
0.3840
8W
0.4636
0.4197
0.3853
0.3776
0.4263
0.3929
0.4688
0.4290
0.3898
0.3716
0.4298
0.3867
0.4697
0.4211
0.3934
0.3825
0.4342
0.3957
0.4750
0.4304
6N
0.3853
0.3776
6S
0.4263
0.3929
5X
0.4538
0.3931
0.3885
0.3882
0.4305
0.4019
0.4591
0.4025
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
7N
0.3885
0.3882
7S
0.4305
0.4019
6X
0.4591
0.4025
0.3916
0.3987
0.4346
0.4108
0.4644
0.4118
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
5O
0.3890
0.3690
8S
0.4346
0.4108
7X
0.4644
0.4118
0.3916
0.3772
0.4387
0.4197
0.4697
0.4211
0.3975
0.3731
0.4430
0.4138
0.4703
0.4132
0.4006
0.3815
0.4474
0.4228
0.4758
0.4225
6O
0.3916
0.3772
5T
0.4298
0.3867
8X
0.4697
0.4211
0.3943
0.3853
0.4342
0.3957
0.4750
0.4304
0.4006
0.3815
0.4373
0.3893
0.4758
0.4225
0.4036
0.3898
0.4420
0.3985
0.4813
0.4319
7O
0.3943
0.3853
6T
0.4342
0.3957
0.3970
0.3934
0.4386
0.4048
0.4036
0.3898
0.4420
0.3985
0.4067
0.3982
0.4468
0.4077
8O
0.3970
0.3934
7T
0.4386
0.4048
0.3997
0.4015
0.4430
0.4138
0.4067
0.3982
0.4468
0.4077
0.4097
0.4065
0.4515
0.4168
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Número de pieza similar - LCWJNSH.EC2.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LCWJNSH.EC OSRAM-LCWJNSH.EC Datasheet
2Mb / 24P
   white SMT package, colored diffused silicone resin
LCWJNSH.EC-BPBR-5U8X-1 OSRAM-LCWJNSH.EC-BPBR-5U8X-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
LCWJNSH.EC-BQBS-5L7N-1 OSRAM-LCWJNSH.EC-BQBS-5L7N-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
LCWJNSH.EC-BQBS-5O8Q-1 OSRAM-LCWJNSH.EC-BQBS-5O8Q-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
LCWJNSH.EC-BQBS-5R8T-1 OSRAM-LCWJNSH.EC-BQBS-5R8T-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
More results

Descripción similar - LCWJNSH.EC2.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com