Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM16706F Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

No. de pieza SM16706F
Descripción Electrónicos  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706F Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM16706F Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SWITCHING CHARACTERISTICS (Ta = 25 oC unless otherwise noted)
Characteristic
SERIAL-IN-OUTn
LATCH-OUTn
SERIAL-IN-OUTn
LATCH-OUTn
ENABLE-OUTn
CLOCK
-SERIAL-OUT
ENABLE-OUTn
CLOCK
-SERIAL-OUT
Propagation
Delay Time
("L" to "H")
Propagation
Delay Time
("H" to "L")
Symbol
tpLH
tpHL
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
Unit
ns
ns
Min.
Typ.
Max.
160
320
20
40
160
160
320
320
160
320
20
40
160
160
320
320
Condition
VDD = 5.0V
REXT = 470Ω
VL = 3.0V
RL = 68Ω
CL = 10 pF
Output Rise Time
Output Fall Time
tor
tof
ns
150
150
170
180
600
600
Page 7
V2.0 MAY,2003


Número de pieza similar - SM16706F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

Descripción similar - SM16706F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com