Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB010N06RJ3-0-T3-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

No. de pieza MTB010N06RJ3-0-T3-G
Descripción Electrónicos  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB010N06RJ3-0-T3-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB010N06RJ3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB010N06RJ3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C016J3
Issued Date : 2018.04.11
Revised Date : 2018.04.12
Page No. : 3/ 9
MTB010N06RJ3
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
60
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.04
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1.0
-
2.5
V
VDS = VGS, ID=250μA
*GFS
-
9.5
-
S
VDS =10V, ID=5A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
1
VDS =48V, VGS =0V
IDSS
-
-
10
μA
VDS =48V, VGS =0V, Tj=125
°C
-
10.3
14.5
VGS =10V, ID=20A
*RDS(ON)
-
15.8
24.5
VGS =4.5V, ID=20A
Dynamic
*Qg
-
25.6
-
*Qgs
-
5.6
-
*Qgd
-
4.9
-
nC
VDD=48V, ID=20A,VGS=10V
*td(ON)
-
14
-
*tr
-
14.6
-
*td(OFF)
-
36.2
-
*tf
-
6
-
ns
VDD=30V, ID=20A, VGS=10V, RG=1Ω
Ciss
-
1544
-
Coss
-
180
-
Crss
-
24
-
pF
VGS=0V, VDS=30V, f=1MHz
Rg
-
1.5
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
43
*ISM
-
-
172
A
*VSD
-
0.74
1
V
IS=1A, VGS=0V
*trr
-
18.5
-
ns
*Qrr
-
11
-
nC
VGS=0, IF=1A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Número de pieza similar - MTB010N06RJ3-0-T3-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB010N06RI3 CYSTEKEC-MTB010N06RI3 Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3-0-UA-G CYSTEKEC-MTB010N06RI3-0-UA-G Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RQ8 CYSTEKEC-MTB010N06RQ8 Datasheet
310Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RQ8-0-T3-G CYSTEKEC-MTB010N06RQ8-0-T3-G Datasheet
310Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Descripción similar - MTB010N06RJ3-0-T3-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com