Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB020N10RJ3-0-T3-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza MTB020N10RJ3-0-T3-G
Descripción Electrónicos  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N10RJ3-0-T3-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB020N10RJ3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N10RJ3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C745J3
Issued Date : 2018.03.14
Revised Date :
Page No. : 2/9
MTB020N10RJ3
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
100
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TC=25
°C, VGS=10V
34
Continuous Drain Current @ TC=100
°C, VGS=10V
ID
24
Continuous Drain Current @ TA=25
°C, VGS=10V
(Note 2)
8.1
Continuous Drain Current @ TA=70
°C, VGS=10V
(Note 2)
6.8
Continuous Drain Current @ TA=25
°C, VGS=10V
(Note 3)
6.6
Continuous Drain Current @ TA=70
°C, VGS=10V
(Note 3)
IDSM
5.5
Pulsed Drain Current
(Note 1)
IDM
110
Avalanche Current @ L=0.1mH
IAS
32
A
Avalanche Energy @ L=1mH, ID=15A, VDD=25V
EAS
112
Repetitive Avalanche Energy@ L=0.05mH
EAR
6
mJ
Total Power Dissipation @ TC=25
°C
60
Total Power Dissipation @ TC=100
°C
PD
30
Total Power Dissipation @ TA=25
°C
(Note 2)
2.5
Total Power Dissipation @ TA=70
°C
(Note 2)
1.0
Total Power Dissipation @ TA=25
°C
(Note 3)
1.7
Total Power Dissipation @ TA=70
°C
(Note 3)
PDSM
0.7
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+175
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
2.5
Thermal Resistance, Junction-to-ambient, max (Note 2)
50
Thermal Resistance, Junction-to-ambient, max (Note 3)
RθJA
75
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. When the device is mounted on a 1 in² FR-4 board with 2 oz. copper.
3. When the device is mounted on the minimum pad size recommended.
4. 100% tested by conditions of L=0.1mH, IAS=20A, VGS=10V, VDD=25V.
5. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
6. The power dissipation PDSM is based on RθJA and the maximum allowed junction temperature of 150°C. The value in
any given application depends on the user’s specific board design, and the maximum temperature of 175°C may be used
if the PCB allows it.
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
100
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.1
-
V/°C
Reference to 25°C, ID=250μA


Número de pieza similar - MTB020N10RJ3-0-T3-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB020N10RV8 CYSTEKEC-MTB020N10RV8 Datasheet
749Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB020N10RV8-0-T6-G CYSTEKEC-MTB020N10RV8-0-T6-G Datasheet
749Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
More results

Descripción similar - MTB020N10RJ3-0-T3-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com