Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB050N15BRH8-0-T6-G Datasheet(PDF) 10 Page - Cystech Electonics Corp.

No. de pieza MTB050N15BRH8-0-T6-G
Descripción Electrónicos  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050N15BRH8-0-T6-G Datasheet(HTML) 10 Page - Cystech Electonics Corp.

Back Button MTB050N15BRH8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. MTB050N15BRH8-0-T6-G Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C033H8
Issued Date : 2018.03.09
Revised Date :
Page No. : 10/10
MTB050N15BRH8
CYStek Product Specification
DFN5×6 Dimension
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.90
1.10
0.035
0.043
E2
3.38
3.78
0.133
0.149
A1
0.00
0.05
0.000
0.002
e
1.27 BSC
0.050 BSC
b
0.33
0.51
0.013
0.020
H
0.41
0.61
0.016
0.024
C
0.20
0.30
0.008
0.012
K
1.10
-
0.043
-
D1
4.80
5.00
0.189
0.197
L
0.51
0.71
0.020
0.028
D2
3.61
3.96
0.142
0.156
L1
0.06
0.20
0.002
0.008
E
5.90
6.10
0.232
0.240
θ
12°
12°
E1
5.70
5.80
0.224
0.228
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
Date Code
Device Name
B050N
15BR
8-Lead DFN5×6 Plastic Package
CYS Package Code : H8


Número de pieza similar - MTB050N15BRH8-0-T6-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB050N15BRQ8 CYSTEKEC-MTB050N15BRQ8 Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8-0-T3-G CYSTEKEC-MTB050N15BRQ8-0-T3-G Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRV8 CYSTEKEC-MTB050N15BRV8 Datasheet
475Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRV8-0-T6-G CYSTEKEC-MTB050N15BRV8-0-T6-G Datasheet
475Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Descripción similar - MTB050N15BRH8-0-T6-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com