Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1522 Datasheet(PDF) 9 Page - Gennum Corporation

No. de pieza GS1522
Descripción Electrónicos  HDTV Serial Digital Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1522 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS1522 Datasheet HTML 5Page - Gennum Corporation GS1522 Datasheet HTML 6Page - Gennum Corporation GS1522 Datasheet HTML 7Page - Gennum Corporation GS1522 Datasheet HTML 8Page - Gennum Corporation GS1522 Datasheet HTML 9Page - Gennum Corporation GS1522 Datasheet HTML 10Page - Gennum Corporation GS1522 Datasheet HTML 11Page - Gennum Corporation GS1522 Datasheet HTML 12Page - Gennum Corporation GS1522 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
GENNUM CORPORATION
522 - 26 - 00
9
Fig. 13 BYPASS Circuit
DETAILED DESCRIPTION
The GS1522 HDTV Serializer is a bipolar integrated circuit
used to convert parallel data into serial format according to
the SMPTE 292M standard. The device encodes both 8-bit
and 10-bit TTL compatible parallel signals producing a
serial data rate of 1.485Gb/s. The device operates from a
single 5V supply and is available in a 128 pin MQFP
package.
The functional blocks within the device include the input
latches,
interleaver,
sync
detector,
parallel
to
serial
converter, SMPTE scrambler, NRZ to NRZ(I) converter, two
internal
cable
drivers,
PLL
for
20x
parallel
clock
multiplication and lock detect circuitry.
1. INPUT LATCHES
The 20-bit input latch accepts either 3.3V or 5V CMOS/TTL
inputs. The input data is buffered and then latched on the
rising edge of the PCLK_IN pin (2). The output of the latch
is a differential signal for increased noise immunity. Further
noise isolation is provided by the use of separate power
supplies.
2. INTERLEAVER
The interleaver takes the 20-bit wide parallel data (Y and C)
and reduces it internally to a 10-bit wide word by alternating
the Y and C data words according to SMPTE 292M, section
6.1.
3. SYNC DETECTOR
The sync detector looks for the reserved words 000-003
and 3FC-3FF in 10-bit hexadecimal, or 00-03 and FC-FF in
8-bit hexadecimal used in the TRS-ID sync word. When
there is an occurrence of all zeros or all ones in the eight
higher order bits, the lower two bits are forced to zeros or
ones respectively. This allows the system to be compatible
with 8-bit and 10-bit data. For non-SMPTE standard parallel
data, a logic input Sync Detect Disable pin (96) is available
to disable this feature.
4. SCRAMBLER
The scrambler is a linear feedback shift register used to
pseudo-randomize the incoming data according to the fixed
polynomial (X
9
+X
4
+1). This minimizes the DC component in
the output serial stream. The NRZ to NRZ(I) converter uses
another polynomial (X + 1) to convert a long sequence of
ones to a series of transitions, minimizing polarity effects.
These functions can be disabled by setting the BYPASS pin
(16) high.
5. UNIQUE SLEW PHASE LOCK LOOP (S-PLL)
A unique feature of the GS1522 is the innovative slew phase
lock loop (S-PLL). When a step phase change is applied to
the PLL, the output phase gains constant rate of change
with respect to time. This behavior is termed slew. Figure 14
shows an example of input and output phase variation over
time for slew and linear (conventional) PLLs. Since the
slewing is a non-linear behavior, the small signal analysis
cannot be done in the same way as it is done for the
standard PLL. However, it is still possible to plot input jitter
transfer characteristics at a constant input jitter modulation.
Slew PLLs offer several advantages such as excellent noise
immunity. Because of the infinite bandwidth for an infinitely
small input jitter modulation (or jitter introduced by VCO),
the loop corrects for that immediately thus the small signal
noise of the VCO is cancelled. The GS1522 uses a very
clean, external VCO called the GO1515
(refer to the
GO1515 Data Sheet for details). In addition, the bi-level
digital phase detector provides constant loop bandwidth
that is predominantly independent of the data transition
density. The loop bandwidth of a conventional tri-stable
VCC
5k
VEE
BIAS
10k
BYPASS
5k


Número de pieza similar - GS1522

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQR GENNUM-GS1522-CQR Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQRE3 GENNUM-GS1522-CQRE3 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results

Descripción similar - GS1522

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com