Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM285LP-2-5 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
LM285LP-2-5 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 14 page LM2852.5, LM3852.5, LM385B2.5 MICROPOWER VOLTAGE REFERENCES SLVS023I − JANUARY 1989 − REVISED FEBRUARY 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 1 1 0.1 0 0.5 1 1.5 10 REVERSE CURRENT vs REVERSE VOLTAGE 100 2.5 3 2 VR − Reverse Voltage − V TA = −55°C to 125°C 12 4 0 − 4 8 0.01 0.1 1 10 100 16 REFERENCE VOLTAGE CHANGE vs REVERSE CURRENT IR − Reverse Current − mA TA = −55°C to 125°C Figure 2 0.8 0.4 0 1.2 0.01 0.1 1 10 100 1.6 FORWARD VOLTAGE vs FORWARD CURRENT IF − Forward Current − mA TA = 25°C 0.6 0.2 1 1.4 Figure 3 2.495 2.48 − 55 − 35 − 15 5 2.505 REFERENCE VOLTAGE vs FREE-AIR TEMPERATURE 2.525 45 65 25 TA − Free-Air Temperature − °C 2.485 2.49 2.5 2.51 2.515 2.52 IZ = 20 µA to 20 mA 105 125 85 Figure 4 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |
Número de pieza similar - LM285LP-2-5 |
|
Descripción similar - LM285LP-2-5 |