Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54-020 Datasheet(PDF) 11 Page - NTE Electronics

No. de pieza 54-020
Descripción Electrónicos  Toggle Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

54-020 Datasheet(HTML) 11 Page - NTE Electronics

Back Button 54-020 Datasheet HTML 7Page - NTE Electronics 54-020 Datasheet HTML 8Page - NTE Electronics 54-020 Datasheet HTML 9Page - NTE Electronics 54-020 Datasheet HTML 10Page - NTE Electronics 54-020 Datasheet HTML 11Page - NTE Electronics 54-020 Datasheet HTML 12Page - NTE Electronics 54-020 Datasheet HTML 13Page - NTE Electronics 54-020 Datasheet HTML 14Page - NTE Electronics 54-020 Datasheet HTML 15Page - NTE Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
148
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Toggle Switches
Long Bat Handle
Features
50 Amps at 12VDC
1 5/8” Long Bat Handle
Screw Terminals
NTE
Type No.
Circuitry
Action
Actuator
Diag
No.
54−564
SPST
ON
NONE
OFF
Chrome Plated
S29
S29
1.599
(40.6)
1.358 (34.5)
2.016
(51.2)
.299 (7.6)
.055 (1.4)
.394
(10.0)
.800
(20.3)
.547
(13.9)
No. 6−32 UNC
.748
(19.0)
.236 (6.0)
15/32−32 NS−2A
.311 (7.9)
Specifications
Current Rating: 50A 12VDC
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: −4 to +180 F (−20 to +85 C)
Electrical Life: 25,000 cycles
Mechanical Life: 100,000 cycles
Terminal Type: Screw Type
Mounting Hole: .500 (12.7)
ON/OFF Bat Handle and Duckbill
Features
Illuminated Types Available on Page 161
Bat Handle (54−566, 54−571−2) and Duckbill (54−571) Types
.250” Quick−Connect Terminals
NTE
Type No.
Circuitry
Action
Actuator
Diag
No.
54−566
SPST
ON
NONE
OFF
Black
Brushed Aluminum
S31a
54−571
SPST
ON
NONE
OFF
S31b
54−571−2
SPDT
ON
OFF
ON
S31a
1.087
(27.3)
S31
.300 (6.4)
.965 (24.5)
.551
(14.0)
.402
(10.2)
.441
(11.2)
15/32−32 NS−2A
.425 (10.8)
.551 (14.0)
.250 (6.35)
.669
(17.0)
.425 (10.8)
ll
i
b
k
c
u
D
.
b
e
l
d
n
a
H
t
a
B
.
a
Specifications
Current Rating: 20A 12VDC
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1000V RMS (min.)
Temperature Rating: −4 to +180 F (−20 to +85 C)
Electrical Life: 25,000 cycles
Mechanical Life: 100,000 cycles
Terminal Type: .250” Tab Q.C.
Mounting Hole: .500 (12.7)


Número de pieza similar - 54-020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
   CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00202 JDSU-54-00202 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

Descripción similar - 54-020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com