Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54-870 Datasheet(PDF) 3 Page - NTE Electronics

No. de pieza 54-870
Descripción Electrónicos  Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

54-870 Datasheet(HTML) 3 Page - NTE Electronics

  54-870 Datasheet HTML 1Page - NTE Electronics 54-870 Datasheet HTML 2Page - NTE Electronics 54-870 Datasheet HTML 3Page - NTE Electronics 54-870 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
164
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Rocker Switches
Miniature Snap−In Nylon
Features
.250” Quick Connect Terminals
Fits Standard Panel Cutout
Withstand Peak Inrush to 100 Amps
NTE
Type No.
Circuitry
Action
Actuator
Diag
No.
Material
Color
54−081
DPST
OFF
NONE
ON
Nylon
Black
S20b
1.180
(29.97)
S20
.250 (6.35)
b: .250” Tab (Q.C.)
Terminal Types
1.070 (27.17)
.375
(9.53)
.725
(18.42)
1.240 (31.5)
1.086 (27.58)
1.145 (29.08)
.784
(19.91)
.080
(2.03)
.215
(5.46)
Specifications
Current Rating: 20A 125VAC, 15A 250VAC, 3/4 HP 125−250VAC
Insulation Resistance: 100 Megohms (min.)
Dielectric Strength: 1000V RMS (min.)
Temperature Rating: −40 to +185 F (−40 to +85 C)
Electrical Life: 50,000 cycles
Mechanical Life: 100,000 cycles
Terminal Type: .250” Tab Q.C.
Mounting Hole: 1.125 (28.58) x 1.000 (25.4)
Snap−In Nylon
Features
AC Rated, Also Suitable for Low Voltage DC Applications
NTE
Type No.
Circuitry
Action
Actuator
Diag
No.
Material
Color
54−047
SPST
ON
NONE
OFF
Nylon
Black
S15b
54−048
SPDT
ON
NONE
ON
Nylon
Black
S15b
54−049
SPDT
ON
OFF
ON
Nylon
Black
S15b
54−050
DPST
ON
NONE
OFF
Nylon
Black
S15b
54−051
DPDT
ON
NONE
ON
Nylon
Black
S15b
54−052
DPDT
ON
OFF
ON
Nylon
Black
S15b
54−114
DPST
(ON)
NONE
OFF
Nylon
Black
S15b
54−115
DPST
ON
NONE
(OFF)
Nylon
Black
S15b
54−116
DPDT
ON
NONE
(ON)
Nylon
Black
S15b
54−117
DPDT
ON
OFF
(ON)
Nylon
Black
S15b
54−118
DPDT
(ON)
OFF
(ON)
Nylon
Black
S15b
SPECIAL NOTE: ( ) = Momentary Function
55 (4 Places)*
S15
.075 (1.91) Dia
.250 (6.35)
.437
(11.08)
Terminal Types
b: .250” Tab (Q.C.)
.392
(9.95)
1.069
(27.15)
.650 (16.51)
.372 (9.45)
1.440 (36.58)
.820
(20.82)
Mounting Hole
.830
(21.08)
.680
(17.27)
1.190
(30.22)
1.450
(36.83)
* Angled corners are suggested for optimum fit.
Standard rectangular cutout is acceptable
.953 (24.20)
1.709 (43.42)
Specifications
Current Rating: 15A 125VAC, 10A 250VAC, 3/4 HP 125−250VAC
Insulation Resistance: 100 Megohms (min.)
Dielectric Strength: 1000V RMS (min.)
Temperature Rating: +32 to +185 F (0 to +85 C)
Electrical Life: 50,000 cycles
Mechanical Life: 100,000 cycles (min.)
Terminal Type: .250” Tab Q.C.
Mounting Hole: 1.450 (36.83) x .830 (21.08)


Número de pieza similar - 54-870

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
54-874-010 APITECH-54-874-010 Datasheet
127Kb / 1P
   Spec Spin Filters
54-874-011 APITECH-54-874-011 Datasheet
127Kb / 1P
   Spec Spin Filters
54-874-012 APITECH-54-874-012 Datasheet
127Kb / 1P
   Spec Spin Filters
54-874-013 APITECH-54-874-013 Datasheet
127Kb / 1P
   Spec Spin Filters
54-874-014 APITECH-54-874-014 Datasheet
127Kb / 1P
   Spec Spin Filters
More results

Descripción similar - 54-870

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
   ROCKER SWITCHES
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com