Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE66CX320P-T85M4 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza SLE66CX320P-T85M4
Descripción Electrónicos  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX320P-T85M4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE66CX320P-T85M4 Datasheet HTML 1Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 2Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 3Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 4Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 5Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 6Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 7Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 8Page - Infineon Technologies AG SLE66CX320P-T85M4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SLE 66CX320P
Preliminary Short Product Information
4 / 9
08.01
Current consumption
< 10mA @ 5.5 V
< 6 mA @ 3.3 V
Temperature range: -25 to +85°C
ESD protection larger than 6 kV
Testmode
Irreversible Lock - Out of testmode
Anti Snooping
HW-countermeasures against SPA/DPA-,
Timing- and DFA-attacks (differential fault
analysis – DFA)
CRC – Module
Non standard dedicated Smart Card CPU –
Core
Active Shield with automatic and user
controlled attack detection
Support
HW-& SW-Tools (Emulator, ROM Monitor,
Card Emulator, Simulator, Softmasking)
Application notes
Supported Standards
ISO/IEC 7816
EMV 2000
GSM 11.1x
ETS I TS 102 221
Document References
Confidential Data Book SLE 66CxxxP
Qualification report
Chip delivery specification for wafer with
chip-layout (die size, orientation,...)
Module specification containing description
of package, etc.
Qualification report module
Development Tools Overview
Short
Product
Information
Software
Development Kit SDK CC
Short Product Information Card Emulator
CE66P
Short Product Information ROM Monitor
RM66P
Short Product Information Emulator ET66P
Hitex or ET66P KSC
Short Product Information Smart Mask
Package


Número de pieza similar - SLE66CX320P-T85M4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE66CX322P INFINEON-SLE66CX322P Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
SLE66CX322PC INFINEON-SLE66CX322PC Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
SLE66CX322PM5 INFINEON-SLE66CX322PM5 Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
More results

Descripción similar - SLE66CX320P-T85M4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com