Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HCA0207 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de Pieza. HCA0207
Descripción  Carbon Film Resistors, Power Type
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

HCA0207 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
104
HCA0207
Vishay Draloric
Document Number 20136
Revision 02-Aug-02
For Technical Questions, contact ff1aresistors@vishay.com
Carbon Film Resistors, Power Type
FEATURES
• Carbon film resistor with high power rating.
• Stable film structure on special ceramic
• Good overload and pulse withstanding characteristics
• For applications in power electronics and
general purpose commercial electronics
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
LIMITING ELEMENT
TEMPERATURE
TOLERANCE
RESISTANCE
E-SERIES
P 70˚C
VOLTAGE MAX.
COEFFICIENT
RANGE
WV
ppm / K
%
HCA0207
0.8
500
- 220 to - 1500
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
HCA0207
Rated Dissipation at 70
°C
W
0.8
Limiting Element Voltage
1)
V
≤ 500
Max. Pulse Voltage
V
1050
Insulation Voltage (1 min)
V eff
≥ 700
Thermal Resistance
K/W
130
Insulation Resistance
Ω≥ 1010
Category Temperature Range
°C
- 55 /
± 175
Failure Rate
10
-9/h
< 20
Terminal Strength, axial
N
> 50
Weight
g
0.22
1
10R-1M0
48
2
4R7-2M2
48
5
4R7-2M2
24
• Coating: green
• Marking see appropriate catalog or web page
• Additional yellow dot at the beginning of the code
HCA0207
-
100R
2%
A5
MODEL
TC
RESISTANCE VALUE
TOLERANCE
PACKAGING
ppm / K
Ω± %
A5-Ammopack 5000pcs
ORDERING INFORMATION
PACKAGING
MODEL
REEL
BOX
MIN. ORDER QUANTITY
MIN. ORDER QUANTITY
PIECES / REEL
CODE
PACKAGING UNITS
PIECES / BOX
CODE
PACKAGING UNITS
HCA0207
5000
R5
1
5000
A5
1
2000
A2
2
1) Rated Voltage
P x R


Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
HMA0207Metal Film Resistors Power Type Miniature 1 2 Vishay Siliconix
LCA0922Carbon Film Resistors Standard 1 2 3 4 Vishay Siliconix
PR01Power Metal Film Resistors 1 2 3 4 5 MoreVishay Siliconix
CFA0207Carbon Film Resistors Standard 1 2 Vishay Siliconix
OM5155Carbon Film Resistors 5% Tolerance 1 2 List of Unclassifed Manufacturers
MP808Kool-Pak Power Film Resistors 1 2 List of Unclassifed Manufacturers
LCM0207SICarbon Film Cylindrical Fusible Resistors 1 2 3 4 Vishay Siliconix
RTOPPower Resistors for Mounting onto a Heatsink Thick Film Technology 1 2 3 4 Vishay Siliconix
MP725MP725 Surface Mount Power Film Resistors 1 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn