Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HCA0207 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de Pieza. HCA0207
Descripción  Carbon Film Resistors, Power Type
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

HCA0207 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
105
HCA0207
Vishay Draloric
Document Number 20136
Revision 02-Aug-02
For Technical Questions, contact ff1aresistors@vishay.com
· Taping in acc. with IEC60286-1
· D and L measured in acc. with IEC60294
· d according to IEC60301
DIMENSIONS [in millimeters]
MODEL
D max.
LL1 max
Bd
e
HCA0207
2.5 -0.3
6.3 -0.5
7.5
53
±1
0.6
7.5
TEST
CONDITIONS OF TEST
REQUIREMENTS 1)
Endurance 1000 hours at 70
°C
1000 hours at 70
°C, 1.5 hours "ON", 0.5 hours "OFF"
≤ ± 2.0%
IEC 60115-1 4.25.1
Endurance at UCT
1000 hours at 155
°C without load
≤ ± 5.0%
IEC60115-1 4.25.3
Overload Test
Short time overload 5 seconds
≤ ± 0.5%
IEC 60115-1 4.13
at 2.5 x rated voltage or
≤ twice the limiting element voltage
Thermal Shock
Rapid change between upper and lower category temperature
≤ ± 0.25%
IEC 60115-1 4.19, IEC 60068-2-14
Climatic Sequence
Dry heat, damp heat cyclic, cold, low air pressure
≤ ± 2.0%
IEC 60115+1 4.23
Damp Heat Steady State
56 days at 40
°C and 93% relative humidity
≤ ± 2.0%
IEC 60115-1 4.24, IEC 60068-2-3
Resistance to Soldering Heat
10 seconds at 260
°C solder bath temperature
≤ ± 0.25%
IEC 60115-1 4.18, IEC 60068-2-20
Robustness of Terminations
Tensile, bending and torsion
≤ ± 0.25%
IEC 60115-1 4.16, IEC 60068-2-21
Vibration
0.75mm or 10g, 10Hz-500Hz 6 hours
≤ ± 0.25%
IEC 60115-1 4.22
PERFORMANCE
APPLICABLE SPECIFICATIONS
• CECC40000 / 40100 / EN 140000 / IEC 60115-1
0
0.5
1.0
1.5
2.0
2.5
POWER IN WATTS
300
200
100
0
Carbon Film Resistors, Power Type
1) For a resistance range of 10R to 1M0
DIMENSIONS
L
1
L
d
D
B
e
6 mm
TEMPERATURE RISE
- 55
- 25
0
25
50
75
100
125
150
175
200
AMBIENT TEMP.IN ˚C
70
DERATING
0
20
40
60
80
100
120


Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
HMA0207Metal Film Resistors Power Type Miniature 1 2 Vishay Siliconix
LCA0922Carbon Film Resistors Standard 1 2 3 4 Vishay Siliconix
PR01Power Metal Film Resistors 1 2 3 4 5 MoreVishay Siliconix
CFA0207Carbon Film Resistors Standard 1 2 Vishay Siliconix
OM5155Carbon Film Resistors 5% Tolerance 1 2 List of Unclassifed Manufacturers
MP808Kool-Pak Power Film Resistors 1 2 List of Unclassifed Manufacturers
LCM0207SICarbon Film Cylindrical Fusible Resistors 1 2 3 4 Vishay Siliconix
RTOPPower Resistors for Mounting onto a Heatsink Thick Film Technology 1 2 3 4 Vishay Siliconix
MP725MP725 Surface Mount Power Film Resistors 1 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn