Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MPQ8883 Datasheet(PDF) 2 Page - Monolithic Power Systems

No. de Pieza. MPQ8883
Descripción  High-Efficiency, 45V, 3A, Digital Calibrated Synchronous Step-Down Converter
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo 

MPQ8883 Datasheet(HTML) 2 Page - Monolithic Power Systems

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPQ8883 – 45V DIGITAL CALIBRATED SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ8883 Rev. 0.2
www.MonolithicPower.com
2
9/13/2016
MPS Proprietary Information. Patent Protected.Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn