Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCD2558D Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TCD2558D Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 15 page TCD2558D 2002-12-25 3 Pin Names Pin No. Symbol Name Pin No. Symbol Name 1 OS3 Signal Output 3 (red) 12 SH2 Shift Gate 2 2 SS Ground 13 SH1 Shift Gate 1 3 RS Reset Gate 14 f1A1 Clock 1 (phase 1) 4 CP Clamp Gate 15 f2A1 Clock 1 (phase 2) 5 NC Non Connection 16 NC Non Connection 6 NC Non Connection 17 NC Non Connection 7 NC Non Connection 18 NC Non Connection 8 f2A2 Clock 2 (phase 2) 19 NC Non Connection 9 f1A2 Clock 2 (phase 1) 20 OD Power 10 SH3 Shift Gate 3 21 OS1 Signal Output 1 (blue) 11 SS Ground 22 OS2 Signal Output 2 (green) Optical/Electrical Characteristics (Ta ==== 25°C, VOD ==== 12 V, Vffff ==== SH V ==== RS V ==== CP V ==== 5 V (pulse), fffff ==== 1 MHz, RS f ==== 1 MHz, tINT ==== 10 ms, light source ==== light source A ++++ CM500S filter (t ==== 1 mm), load resistance ==== 100 kW W W W) Characteristics Symbol Min Typ. Max Unit Note RR 6.5 9.3 12.1 RG 6.9 9.9 12.9 Sensitivity RB 3.8 5.4 7.0 V /(lx・s) (Note 2) PRNU (1) ¾ 10 20 % (Note 3) Photo response non uniformity PRNU (3) ¾ 3 12 mV (Note 4) Image lag IL ¾ 1 ¾ % (Note 5) Saturation output voltage VSAT 3.2 3.5 ¾ V (Note 6) Saturation exposure SE ¾ 0.35 ¾ Ix・s (Note 7) Dark signal voltage VDRK ¾ 0.5 2.0 mV (Note 8) Dark signal non uniformity DSNU ¾ 5.0 9.0 mV (Note 8) DC power dissipation PD ¾ 430 600 mW Total transfer efficiency TTE 92 ¾ ¾ % Output impedance ZO ¾ 0.1 1.0 k W DC signal output voltage VOS 5 6 7 V (Note 9) Random noise NDs ¾ 0.8 ¾ mV (Note 10) Reset noise VRSN ¾ 0.5 1.0 V (Note 9) Note 2: Sensitivity is defined for each color of signal outputs average when the photosensitive surface is applied with the light of uniform illumination and uniform color temperature. |
Número de pieza similar - TCD2558D |
|
Descripción similar - TCD2558D |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |