Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA15902 Datasheet(PDF) 4 Page - Ledil, Inc.

No. de pieza CA15902
Descripción Electrónicos  ~190째 side emitter beam
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15902 Datasheet(HTML) 4 Page - Ledil, Inc.

  CA15902 Datasheet HTML 1Page - Ledil, Inc. CA15902 Datasheet HTML 2Page - Ledil, Inc. CA15902 Datasheet HTML 3Page - Ledil, Inc. CA15902 Datasheet HTML 4Page - Ledil, Inc. CA15902 Datasheet HTML 5Page - Ledil, Inc. CA15902 Datasheet HTML 6Page - Ledil, Inc. CA15902 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRODUCT
DATASHEET
CA15902_VERONICA-SQ-SE
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON M/MX
FWHM
189.0°
Efficiency
91 %
Peak intensity
2.700 cd/lm
Required components:
LED
Duris S8
FWHM
182.0°
Efficiency
87 %
Peak intensity
0.300 cd/lm
Required components:
LED
Oslon Black Flat
FWHM
Asymmetric
Efficiency
89 %
Peak intensity
0.600 cd/lm
Required components:
LED
Oslon Square Gen3
FWHM
Asymmetric
Efficiency
88 %
Peak intensity
0.430 cd/lm
Required components:
Last update: 11/05/2018
Subject to change without prior notice
4/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Número de pieza similar - CA15902

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA15946 LEDIL-CA15946 Datasheet
967Kb / 13P
   Strada Assembly
CA15959 LEDIL-CA15959 Datasheet
1Mb / 7P
   Beam for canopy lighting with batwing light distribution.
More results

Descripción similar - CA15902

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
C11249 LEDIL-C11249 Datasheet
1Mb / 7P
   Side emitter beam
CA11248 LEDIL-CA11248 Datasheet
1Mb / 7P
   Side emitter beam
D12114 LEDIL-D12114 Datasheet
2Mb / 4P
   Side emitter beam
DA12115 LEDIL-DA12115 Datasheet
2Mb / 4P
   Side emitter beam. Assembly with installation tape.
logo
Pepperl+Fuchs Inc.
OBE2000-R3-Y302637 PF-OBE2000-R3-Y302637 Datasheet
867Kb / 3P
   Thru-beam sensor (emitter)
2022-06-03
logo
Marktech Corporate
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
   Parallel Beam Point Source Emitter
logo
List of Unclassifed Man...
QS186LEQ8 ETC2-QS186LEQ8 Datasheet
448Kb / 8P
   WORLD-BEAM QS186LE Laser Emitter
logo
Marktech Corporate
MTPS2085BSL MARKTECH-MTPS2085BSL_15 Datasheet
591Kb / 3P
   Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS_15 Datasheet
602Kb / 3P
   Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS Datasheet
602Kb / 3P
   Parallel Beam Point Source Emitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com